Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVLPWD5T60
Description  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 Datasheet(HTML) 4 Page - STMicroelectronics

  EVLPWD5T60 Datasheet HTML 1Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 2Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2
Schematic diagrams
Figure 1. EVLPWD5T60 schematic - driver output stages
SGND
OD
CIN
OUT2
OUT3
OUT1
HV
SNS3
SNS2
SNS1
BOOT1
BOOT2
BOOT3
CIN
CIN
BOOT1
BOOT2
BOOT3
VCC
VCC
HV
VCC
VDD
VCC
VDD
OUT2
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FAULT
OUT3
OUT1
ENABLE
SENSE1
SENSE2
SENSE1_REF
SENSE2_REF
SENSE3_REF
SENSE3
R64
27R
J P9
CLOSED
R67
1k5
R63
27R
TP19
TP21
C40
220nF/25V
TP20
R62
27R
D17
N.M.
TP15
TP13
TP17
TP11
R71
1k5
J P10
N.M.
1
2
C39
220nF/25V
TP12
TP10
U4
PWD5T60
GND
EP5
SENSE1
12
GND
9
OUT1
10
OUT1
11
BOOT1
31
OUT2
EP3
LIN2
3
OUT2
16
OUT2
17
SENSE2
15
OUT3
19
SENSE2
14
OUT1
EP4
LIN3
4
HIN3
1
VCC
34
OD
8
EN
7
OUT3
EP2
SENSE3
21
LIN1
2
OUT3
18
CIN
6
FAULT
5
BOOT2
32
BOOT3
33
SENSE1
13
HIN1
35
HIN2
36
SENSE3
20
OUT1
30
J P12
N.M.
1
2
TP18
TP22
R68
10k
C43
2.2nF/25V
J P8
CLOSED
R65
47k
C42
47nF/25V
TP9
D16
N.M.
TP14
C37
470nF/25V
TP16
+
-
U3B
TSV912IQ2T
5
7
6
C41
470nF/25V
J P11
N.M.
1
2
D15
N.M.
C38
470nF/25V
R69
1k5
Figure 2. EVLPWD5T60 schematic - feedback network
HIGH VOLTAGE SECTION
VCC_E min 9V max 20V
VCC_E
VDD_E
SGND
OUT3
OUT2
OUT1
HV
PGND
VDD_E 3V3
PWM_HIN1
PWM_LIN1
PWM_HIN2
PWM_LIN2
PWM_HIN3
PWM_LIN3
SENSE_3
SENSE_2
SENSE_1
FAULT
ENABLE
VDD
DEFAULT CONFIGURATION
6-step 1 shunt Sensorless Voltage Mode
VCC=15
JP1 closed (VDD=3V3)
VBUS
A+/H1
B+/H2
Z+/H3
Udd
GND
HALL power
P has eV_H
P has eV_L
P has eW _H
P has eW _L
P has eU_L
P has eU_H
S ENS E_2
S ENS E_3
S ENS E_1
S ENS E_OUT1
S ENS E_OUT2
S ENS E_OUT3
S ENS E_OUT1
S ENS E_OUT2
S ENS E_OUT3
VBUS _fdbk
FAULT
P has eU_H
P has eU_L
P has eV_H
P has eV_L
P has eW _H
P has eW _L
S ENS E_1
S ENS E_2
S ENS E_3
ENC_HALL_C
HALL_BEMF_A
HALL_BEMF_B
HALL_BEMF_C
ENC_HALL_B
ENC_HALL_A
HALL_BEMF_A
BEMF_C
ENC_HALL_A
ENC_HALL_B
HALL_BEMF_B
ENC_HALL_C
HALL_BEMF_C
BEMF_B
BEMF_A
BEMF_C
E5V
GPIO_BEMF
GP IO_BEMF
BEMF_A
BEMF_B
GP IO_BEMF
GP IO_BEMF
S ENS E_OUT2
CP OUT
CP OUT
CURRENT_REF
CURRENT_REF
E5V
VCC
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
HV
HV
VDD
VDD
VDD
VDD
VCC
VDD
VDD
VDD
VDD
VDD
HIN1
LIN1
HIN2
LIN2
HIN3
LIN3
OUT1
OUT2
OUT3
FAULT
ENABLE
S ENS E2
S ENS E1
S ENS E3
S ENS E3_REF
S ENS E2_REF
S ENS E1_REF
OUT1
OUT2
OUT3
R15
1k
+
C5
10uF/25V
D1
BZT52C3V3
R12
20k
R54
1.8k
R45
180k
R34
1.8k
C26
N.M.
TP 8
TP 4
R53
180k
R50
10k
C13
100nF/25V
D10
BAT54J
R61
N.M.
J 6 1
2
3
4
5
D11
RFU02VS M6S
1
2
R9
20k
J 2
1
2
3
C22
100nF/25V
C19
33pF/25V
R3
3R3
R60
0R
C8
33pF/25V
C30
4.7pF/50V
R8
1.8k
R37
180k
TP 1
C31
4.7pF/50V
J 3
1
2
3
R22
1.8k
J P 3
1-2 CLOS ED
1
3
2
R27
470k
J P 4
CLOS ED
C23
N.M.
R5
1k
R19
10k
R31
20k
C3
33nF/630V
C1
68uF/450V
R21
33k
R29
47k
TP 7
C35
100nF/25V
R41
20k
R58
1.8k
R23
1k
+
-
U3A
TS V912IQ2T
3
1
4
8
2
C27
4.7pF/50V
+
-
U1A
TS V912IQ2T
3
1
4
8
2
TP 5
D2
BAT54J
C21
N.M.
R43
1.8k
R7
20k
J P 2
OP EN
C7
33pF/25V
C9
100nF/25V
C15
33pF/25V
C32
10pF/25V
J 4
MOTOR CONN.
1
3
5
7
9
11
13
15
17
19
21
23
25
2
4
6
8
10
12
14
16
18
20
22
24
26
27
29
31
33
28
30
32
34
C10
33pF/25V
C28
33pF/25V
TP 23
TP 2
D4
RFU02VS M6S
1
2
R35
1K
R11
1.8k
R1
3R3
R16
1.8k
J P 6
1-2 CLOS ED
1
3
2
C14
4.7uF/10V
D5
BAT54J
R33
1k
R42
10k
R39
1k
R24
10M
R40
3.3k
R48
10k
R2
1k
C2
N.M.
D3
BAT54J
C11
33pF/25V
J 1
1
2
R57
N.M.
D6
BAT54J
R10
1k
D7
RFU02VS M6S
1
2
D9
BAT54J
R30
1K
C36
100nF/25V
C4A
N.M.
D14
BAT54J
R13
10k
TP 6
C34
10pF/25V
C25
33pF/25V
D12
BAT54J
R44
180k
C20
100nF/25V
R52
180k
C18
2.2pF/25V
R17
0R
C12
47nF/25V
TP 3
D13
BAT54J
J P 7
CLOS ED 2-4
2
4
+
C4
4u7F
25V
C5A
N.M.
J P 5
1-2 CLOS ED
1
3
2
R59
N.M.
R14
20k
R51
1.8k
R4
1k
R25
1K
J P 1
CLOS ED
R49
10k
TP 24
R32
6.49k
R36
180k
C29
2.2pF/25V
C17
33pF/25V
J 5
1
2
3
4
5
6
7
8
9
10
11
12
13
V+
+
-
V-
U2
TS 3021ILT
1
4
5
3
2
R46
1k
R55
1k
R47
3.3k
R26
470k
R56
3.3k
R18
0R
C33
10pF/25V
+
-
U1B
TS V912IQ2T
5
7
6
R28
22k
R20
0R
D8
BAT54J
C16
2.2pF/25V
C6
33pF/25V
R6
1k
C24
N.M.
R38
1k
EVLPWD5T60
Schematic diagrams
DB5226 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com