Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EVLPWD5T60
Description  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EVLPWD5T60 Datasheet HTML 2Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Part reference
Part description
Part value
Package / manufacturer’ code
JP8, JP9
SMT jumper
Closed
Soldering pad 0805
J1
Connector terminal block T.H.
MORSV-508-2P_screw
2 poles, pitch 5.08 mm
Phoenix Contact
1715721 or equivalent
J2
Connector terminal block T.H.
MORSV-508-3P_screw
3 poles, pitch 5.08 mm
Phoenix Contact
1715857 or equivalent
J3
Connector terminal block T.H. 3
positions 3.5 mm
MORSV-350-3P_screw
3 poles, pitch 3.5 mm
Würth Elektronik
691214110003 or equivalent
J4
Header vertical connector
Con-flat-17x2-180m
2x17 poles, pitch 2.54 mm
TE Connectivity
3-1761603-1 or equivalent
J5
Strip connector
1x13 pins, 2.54 mm
Amphenol FCI
68000-413HLF or equivalent
J6
Strip connector
1x5 pins, 2.54 mm
Amphenol FCI
68000-405HLF or equivalent
R1, R3
SMT resistor
3.3 Ω
Size 0603
R2
SMT resistor
1 kΩ
Size 1206
R4, R5, R6, R10, R15,
R23, R25, R30, R33, R35
SMT resistor
1 kΩ
Size 0603
R7, R9, R12, R14, R31,
R41
SMT resistor
20 kΩ
Size 0603
R8, R11, R16, R22, R34,
R43, R51, R54, R58
SMT resistor
1.8 kΩ
Size 0603
R13, R19, R42, R48, R49,
R50, R68
SMT resistor
10 kΩ
Size 0603
R17, R18, R20, R60
SMT resistor
0 Ω
Size 0603
R21
SMT resistor
33 kΩ
Size 0603
R24
SMT resistor
10 MΩ
Size 0603
R26, R27
SMT resistor
470 kΩ
Size 1206
R28
SMT resistor
22 kΩ
Size 0603
R29, R65
SMT resistor
47 kΩ
Size 0603
R32
SMT resistor
6.49 kΩ
Size 0805
R36, R37, R44, R45, R52,
R53
SMT resistor
180 kΩ
Size 1206
R38, R39, R46, R55
SMT resistor
1 kΩ
Size 0805
R40, R47, R56
SMT resistor
3.3 kΩ
Size 0603
R57, R59, R61
SMT resistor
N.M.
Size 0603
R62, R63, R64
SMT resistor
27 Ω
Size 0805
R67, R69, R71
SMT resistor
1.5 kΩ
Size 0603
R73, R74, R75
SMT resistor
750 mΩ / ½ W / 1%
Size 1206
Vishay
RCWE1206R750FKEA or equivalent
EVLPWD5T60
Bill of materials
DB5226 - Rev 2
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com