Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLPWD5T60
Description  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 Datasheet(HTML) 1 Page - STMicroelectronics

  EVLPWD5T60 Datasheet HTML 1Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 2Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
High-voltage rail up to 400 VDC (limited by on-board bulk capacitor)
Output current up to 1.2 Apeak (adjustable overcurrent protection threshold)
Output power up to 120 W
Driver DC input voltage range: 9 V to 20 V
Power system-in-package integrating gate drivers and high-voltage power
MOSFETs:
RDS(ON) = 1.38 Ω
BVDSS = 500 V
Selectable single or three-shunt current sensing topology
Sensored or sensorless FOC or 6-step algorithm
Hall effect sensor connector
Smart shutdown overcurrent protection
Bus voltage sensing
Connector for interfacing with MCU
RoHS compliant
Description
The EVLPWD5T60 evaluation board is a 3-phase power board that allows to
evaluate all of the PWD5T60 features.
The board is designed to support a three-shunt or a single-shunt current sensing
topology.
A strip connector allows easy interfacing with an MCU control board. The 34-pin ST
morpho allows to connect the EVLPWD5T60 board to an STM32 Nucleo board
through the X-NUCLEO-IHM09M1 motor control connector expansion board.
The PWD5T60 is a 3-phase high-density power driver integrating gate driver and six
N-channel power MOSFETs. It has dedicated input pins for each output and a
shutdown pin. The logic inputs are CMOS/TTL compatible down to 3.3 V for easy
interfacing with control devices.
Product status link
EVLPWD5T60
Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage
with integrated gate driver
EVLPWD5T60
Data brief
DB5226 - Rev 2 - May 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVLPWD5T60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
Adjustable output slew rate
07-Oct-2014
More results

Similar Description - EVLPWD5T60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD415 IXYS-EVDD415 Datasheet
137Kb / 2P
High Frequency Gate Driver IC Evaluation Board
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
6ED003L06-F INFINEON-6ED003L06-F Datasheet
293Kb / 18P
Integrated 3 Phase Gate Driver
Rev. 2.1, Dec 2008
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
High Voltage 3-Phase Gate Driver
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com