Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVLPWD5T60
Description  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 10Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Part reference
Part description
Part value
Package / manufacturer’ code
TP1, TP2, TP3, TP4, TP5,
TP6, TP7, TP8, TP10,
TP12, TP13, TP14, TP15,
TP16, TP17, TP18, TP19,
TP20, TP21, TP22, TP23,
TP24
Test point for probe
-
Metallized hole, 0.8 mm
TP9
Ring test point, black
-
Diam. 2.54, hole 1 mm
Vero Technologies
20-2137 or equivalent
TP11
Ring test point, red
-
Diam. 2.54, hole 1 mm
Vero Technologies
20-313137 or equivalent
U1, U3
Rail-to-rail input/output 8 MHz
GBP op amp
TSV912IQ2T
DFN8 2x2
STMicroelectronics
U2
Rail-to-rail 1.8 V high-speed
comparator
TS3021ILT
SOT23-5
STMicroelectronics
U4
Compact high-voltage 3-phase
power stage with integrated gate
driver
PWD5T60
VFQFPN 12x12x0.95 mm, 36L
STMicroelectronics
EVLPWD5T60
Bill of materials
DB5226 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com