Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVLPWD5T60
Description  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 Datasheet(HTML) 2 Page - STMicroelectronics

  EVLPWD5T60 Datasheet HTML 1Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 2Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Safety and operating instructions
1.1
General terms
Warning:
During assembly, testing, and operation, the evaluation board poses several inherent
hazards, including bare wires, moving or rotating parts, and hot surfaces.
Danger:
There is a danger of serious personal injury, property damage, or death due to electrical
shock and burn hazards if the kit or components are improperly used or installed incorrectly.
Attention:
The kit is not electrically isolated from the high-voltage supply DC input. No insulation is ensured between the
accessible parts and the high voltage. All measuring equipment must use adequately insulated probes, clamps,
and connecting wires. Never touch the evaluation board while it is energized as it is capable of causing an
electrical shock hazard.
Important:
All operations involving transportation, installation and use, and maintenance must be performed by skilled
technical personnel able to understand and implement national accident prevention regulations. For the
purposes of these basic safety instructions, “skilled technical personnel” are suitably qualified people who are
familiar with the installation, use, and maintenance of power electronic systems.
1.2
Intended use of evaluation board
The evaluation board is designed for demonstration purposes only, and must not be used for electrical
installations or machinery. Technical data and information concerning the power supply conditions are detailed in
the documentation and should be strictly observed.
1.3
Installing the evaluation board
The installation and cooling of the evaluation board must be in accordance with the specifications and
target application.
The board must be protected against excessive strain. In particular, components should not be bent nor
should isolating distances be altered during transportation or handling.
No contact must be made with other electronic components and contacts.
The board contains electrostatically sensitive components that are prone to damage if used incorrectly. Do
not mechanically damage or destroy the electrical components (potential health risks).
EVLPWD5T60
Safety and operating instructions
DB5226 - Rev 2
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com