Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVLPWD5T60
Description  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 Datasheet(HTML) 5 Page - STMicroelectronics

  EVLPWD5T60 Datasheet HTML 1Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 2Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3
Bill of materials
Table 1. EVLPWD5T60 bill of materials
Part reference
Part description
Part value
Package / manufacturer’ code
C1
THT electrolytic capacitor
68 μF / 450 V
Radial p7.5 d18h25 mm
Rubycon
450BXW68MEFC18X25 or equivalent
C2
Film metallized polypropylene
N.M.
4x13 mm, pitch 10 mm
Kemet
R71MF31004030K or equivalent
C3
SMT multilayer capacitor
33 nF / 630 V
Size 1210
C4
SMD aluminum electrolytic
capacitor
4.7 μF / 25 V
4x5.4 mm
Würth Elektronik
865230440001 or equivalent
C4A
SMT ceramic capacitor
N.M.
Size 0805
C5
SMD aluminum electrolytic
capacitor
10 μF / 25 V
5x5.4 mm
Panasonic
EEE-1EA100SR or equivalent
C5A
SMT ceramic capacitor
N.M.
Size 1206
C6, C7, C8, C10, C11,
C15, C17, C19, C25, C28
SMT ceramic capacitor
33 nF / 25 V
Size 0603
C9, C13, C20, C22, C35,
C36
SMT ceramic capacitor
100 nF / 25 V
Size 0603
C12, C42
SMT ceramic capacitor
47 nF / 25 V
Size 0603
C14
SMT ceramic capacitor
4.7 μF / 10 V
Size 0805
C16, C18, C29
SMT ceramic capacitor
2.2 pF / 25 V
Size 0603
C21, C23, C24, C26
SMT ceramic capacitor
N.M.
Size 0603
C27, C30, C31
SMT ceramic capacitor
4.7 pF / 50 V
Size 0603
C32, C33, C34
SMT ceramic capacitor
10 pF / 25 V
Size 0603
C37, C38, C41
SMT ceramic capacitor
4.7 nF / 25 V
Size 0603
C39, C40
SMT ceramic capacitor
220 nF / 25 V
Size 0603
C43
SMT ceramic capacitor
2.2 nF / 25 V
Size 0603
D1
3.3 V Zener diode
BZT52C3V3
SOD-123
D2, D3, D5, D6, D8, D9,
D10, D12, D13, D14
40 V, 300 mA small signal
Schottky SMT diode
BAT54J
SOD-323
STMicroelectronics
BAT54JFILM
D4, D7, D11
600 V, 0.2 A super fast recovery
diodes
-
TUMD2SM
Rohm semiconductor
RFU02VSM6S or equivalent
D15, D16, D17
Turbo 2 ultrafast high-voltage
rectifier
N.M.
SMA
STMicroelectronics
STTH1L06A
JP1, JP4
SMT jumper
Closed
Soldering pad
JP2
SMT jumper
Open
Soldering pad
JP3, JP5, JP6
SMT jumper
Closed 1-2
Soldering pad
JP7
SMT jumper
Closed 2-4
Soldering pad
EVLPWD5T60
Bill of materials
DB5226 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com