Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DACP18001 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DACP18001
Description  0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DACP18001 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DACP18001 Datasheet HTML 1Page - Teledyne Technologies Incorporated DACP18001 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
MAXIMUM RATINGS
Rev. 7/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
APPLICATION NOTES
0.1 TO 18.0 GHz
ULTRA BROADBAND
ANALOG DETECTOR
DACP18001
Typical Values @ +25 °C
DACP18001
Wide Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . .
0.1 to 18.0 GHz
Wide Power Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-30.0 to +5.0 dBm
Temperature Stability . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.25 dB
Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.50 dB
High Frequency CougarPak® Package
DACP18001
High Frequency CougarPak™ (SMA)
for Analog Detectors
(single-stage)
Teledyne Cougar • 408-522-3838 • 408-522-3839 fax
www.teledyne-cougar.com • cougar@teledyne.com
High Frequency CougarPak® Package
for Detectors
DC Voltage (no RF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Continuous RF Input Power . . . . . . . . . . . . . . . . . . . . . +14.0 dBm (±5 Vdc)
Operating Case Temperature . . . . . . . . . . . . . . . . . . . .
-55 °C to +100 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 °C to +150 °C
Burn-In Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100 °C
Detector Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . .
+3500 °C/Watt
Temperature Rise @ 0 dBm (Tjc) . . . . . . . . . . . . . . . . .
+3.5 °C
Temperature Rise @ +5 dBm (Tjc) . . . . . . . . . . . . . . . .
+35 °C
1 Thermal resistance is based on RF input power. Ratings based on +25 °C.
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
0.1-18.0 GHz
0.1-18.0 GHz
0.1-18.0 GHz
Input Power Range (Min.)
-30 to +5 dBm
-25 to 0 dBm
-25 to 0 dBm
VSWR (Max.)
1.5:1**
2.0:1**
2.0:1**
Sensitivity, Vout (Min.)
140 mV†
100 mV†
100 mV†
Power Flatness (Max.)
±0.5 dB^
±1.0 dB^
±1.0 dB^
Temperature Stability (Max.)
±0.25 dB
±0.5 dB
±0.5 dB
Output Offset Voltage, no RF (Max.)
±0.3 mV
±1.5 mV
±2.0 mV
1 dB Square Law Departure
-10 dBm
——
Tangential Sensitivity
-45 dBm^^
——
Pulse Response, Pin = -15 dBm
0.3 µsec‡
0.5 µsec‡
0.7 µsec‡
Pulse Response, Pin = 0 dBm
0.5 µsec‡
0.7 µsec‡
1.0 µsec‡
Supply Current, no RF
+3 mA, -3 mA
+4 mA, -4 mA
+4 mA, -4 mA
Supply Current, Pin = +5 dBm
+10 mA, -4 mA
+11 mA, -5 mA
+11 mA, -5 mA
* Measured in a 50 Ohm system at ±5.0 Vdc, 1 MΩ||8 pF unless otherwise specified.
† Pin = –15 dBm. ^ Vout = 100 mV. ^^ 3 dB NF, 1 MHz Bandwidth. ‡ 50% RF to 10 or 90% Video.
** Pin < –15 dBm.
This unit is DC coupled and employs a RF choke at the input (DC short). If the application
calls for the input to sink current there will approximately be an additional 1 mV of output
offset voltage for each 3 mA of current. Sink current should be limited to 250 mA max to
avoid choke burnout.
For higher supply voltages, up to ±22 volts, the positive supply pin must include a series
current limiting resistor Rs = (Vs – 5)/0.01. (e.g.: Vs = 15v, Rs = 1K)
Average power detection is obtained at power levels below approximately –13 dBm.
For best pulse response both supply pins should be bypassed with an additional
1.0 µF capacitor. The unit contains 0.01 µF internal capacitors.


Similar Part No. - DACP18001

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DACP20021 TELEDYNE-DACP20021 Datasheet
287Kb / 2P
0.5 TO 20.0 GHz HIGH-SPEED DACP20021 ANALOG DETECTOR
More results

Similar Description - DACP18001

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6116 TELEDYNE-DAQ6116 Datasheet
302Kb / 2P
0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
DAQ10501 TELEDYNE-DAQ10501 Datasheet
236Kb / 2P
0.05 TO 10.0 GHz BROADBAND DAQ10501 ANALOG DETECTOR
DTCP18001 TELEDYNE-DTCP18001 Datasheet
281Kb / 2P
0.01 TO 18.0 GHz ULTRA BROADBAND HIGH FREQUENCY THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6014 TELEDYNE-DTS6014 Datasheet
292Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
0.1 TO 8.0 GHz THRESHOLD DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com