Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DACP18001 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DACP18001
Description  0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DACP18001 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DACP18001 Datasheet HTML 1Page - Teledyne Technologies Incorporated DACP18001 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DACP18001
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
Input Flatness @ Vo = 100 mV
DACP18001
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-16
-17
-18
-19
-20
-4
-5
-6
-7
-8
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
F R E Q U E N C Y - G H z
Input VSWR vs Input Power
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
Input Flatness @ Vo = 3.0 V
2
1
0
-1
-2
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
2.00
1.75
1.50
1.25
1.00
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
- 2 5 d B m
- 1 5 d B m
0 d B m
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
T c = + 2 5 C , + 8 5 C , - 5 5 C
T c = + 2 5 C , + 8 5 C , - 5 5 C
T c = + 2 5 C , + 8 5 C , - 5 5 C
Pulse Response @ P
IN = 0 dBm
Pulse Response @ P
IN = –15 dBm
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
Input Flatness @ Vo = 100 mV
DACP18001
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-16
-17
-18
-19
-20
-4
-5
-6
-7
-8
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
F R E Q U E N C Y - G H z
Input VSWR vs Input Power
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
Input Flatness @ Vo = 3.0 V
2
1
0
-1
-2
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
2.00
1.75
1.50
1.25
1.00
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
- 2 5 d B m
- 1 5 d B m
0 d B m
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
T c = + 2 5 C , + 8 5 C , - 5 5 C
T c = + 2 5 C , + 8 5 C , - 5 5 C
T c = + 2 5 C , + 8 5 C , - 5 5 C
Top Trace: Detector Response
Bottom Trace: RF Input
Time Base: 500 ηsec
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
Input Flatness @ Vo = 100 mV
DACP18001
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-16
-17
-18
-19
-20
-4
-5
-6
-7
-8
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
F R E Q U E N C Y - G H z
Input VSWR vs Input Power
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
Input Flatness @ Vo = 3.0 V
2
1
0
-1
-2
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
2.00
1.75
1.50
1.25
1.00
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1
2
3
4
8
12
16
17
17.5
18
- 2 5 d B m
- 1 5 d B m
0 d B m
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
1 0 . 0
1.0
0.1
0.01
0.001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-30
-25
-20
-15
-10
-5
0
5
10
T c = + 2 5 C , + 8 5 C , - 5 5 C
T c = + 2 5 C , + 8 5 C , - 5 5 C
T c = + 2 5 C , + 8 5 C , - 5 5 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com