Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DACP20021 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DACP20021
Description  0.5 TO 20.0 GHz HIGH-SPEED DACP20021 ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DACP20021 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DACP20021 Datasheet HTML 1Page - Teledyne Technologies Incorporated DACP20021 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
MAXIMUM RATINGS
APPLICATION NOTES
Rev. 7/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
Pulse Response @ Pin = 0 dBm
Pulse Response @ Pin = -15 dBm
Top Trace: Detector Response
Bottom Trace: RF Input
Time Base: 100 ηs/div
Typical Values @ +25 °C
DACP20021
Wide Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . .
0.5 to 20.0 GHz
Wide Power Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-30.0 to +5.0 dBm
Temperature Stability . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Power Flatness. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 1.0 dB
Low VSWR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.75:1
Super fast pulse response . . . . . . . . . . . . . . . . . . . . . .
15-20 ηs
High Freq CougarPak® Package
Fast Response Time, Low Drift
DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6.0 V
Continuous RF Input Power . . . . . . . . . . . . . . . . . . . . .
+14.0 dBm
Operating Case Temperature . . . . . . . . . . . . . . . . . . . .
-40 °C to +85 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 °C to +125 °C
Burn-In Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Detector Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . .
+3500 °C/Watt
Temperature Rise @ 0 dBm (Tjc) . . . . . . . . . . . . . . . . .
+3.5 °C
Temperature Rise @ +5 dBm (Tjc) . . . . . . . . . . . . . . . .
+35 °C
1 Thermal resistance is based on RF input power. Ratings based on +25 °C.
Average power detection is obtained at power levels below approximately –13dBm.
RF input is AC coupled (DC block).
DACP20021 contains a plastic packaged IC.
DACP20021 provides maximum video performance with no output load capacitance.
However, the detector is capable of driving capacitive loads up to 100 pF without oscilla-
tions. Load capacitance above that specified may produce pulse overshoot and ringing.
DACP20021 contains 50-Ohm series resistor at the output.
Guaranteed
Parameter
Typical
0 to 50 °C
-40 to +85°C
Frequency (Min.)
0.5-20.0 GHz
0.5-18.0 GHz
0.5-18.0 GHz
*Measured in a 50 Ohm system at ±5.0 Vdc unless otherwise specified.
†Pin = –15 dBm. ‡Total response time, Tr/Tf: 50% RF to 90 or 10% Video. 50 Ohm output load.
0.5 TO 20.0 GHz
HIGH-SPEED ANALOG DETECTOR
DACP20021
DACP20021
Input Power Range (Min.)
-30 to +5 dBm
-25 to 0 dBm
-25 to 0 dBm
VSWR (Max.)
1.0-20.0 GHz
1.5:1
2.0:1
2.0:1
0.5-1.0 GHz
2.0:1
2.3:1
2.3:1
Sensitivity, Vout (Min.)
140 mV†
90 mV†
90 mV†
Power Flatness (Max.)
±0.75 dB
±1.0 dB
±1.0 dB
Temperature Stability (Max.)
±0.4 dB
±0.5 dB
±0.5 dB
Pulse Response, Pin = -15 dBm
15 ηsec‡
35/50 ηsec‡
35/50 ηsec‡
Pulse Response, Pin = 0 dBm
22 ηsec‡
50/70 ηsec‡
50/70 ηsec‡
Supply Current, no RF (Max.)
9 mA
10 mA
12 mA
Supply Current, Pin = 5 dBm (Max.)
13 mA
16 mA
18 mA
Output Offset Voltage,
no RF (Max.)
2 mV
4 mV
5 mV
1 dB Square Law Departure
-10 dBm
——
High Frequency CougarPak® Package
for Detectors
High Frequency CougarPak™ (SMA)
for Analog Detectors
(single-stage)
Teledyne Cougar • 408-522-3838 • 408-522-3839 fax
www.teledyne-cougar.com • cougar@teledyne.com


Similar Part No. - DACP20021

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DACP18001 TELEDYNE-DACP18001 Datasheet
251Kb / 2P
0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
More results

Similar Description - DACP20021

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DA2CP20047 TELEDYNE-DA2CP20047 Datasheet
376Kb / 2P
0.5 TO 20.0 GHz LOG VIDEO AMP ANALOG DETECTOR
DAC4101 TELEDYNE-DAC4101 Datasheet
259Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DAC4103 TELEDYNE-DAC4103 Datasheet
258Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6116 TELEDYNE-DAQ6116 Datasheet
302Kb / 2P
0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
DAS8121 TELEDYNE-DAS8121 Datasheet
265Kb / 2P
0.5 TO 8.0 GHz HIGH-SPEED DAS8121 ANALOG DETECTOR
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
DTS8031 TELEDYNE-DTS8031 Datasheet
222Kb / 2P
0.5 TO 8.0 GHz ULTRA HI-SPEED DTS8031 THRESHOLD DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com