Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DACP20021 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DACP20021
Description  0.5 TO 20.0 GHz HIGH-SPEED DACP20021 ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DACP20021 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DACP20021 Datasheet HTML 1Page - Teledyne Technologies Incorporated DACP20021 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DACP20021
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
Input Flatness @ Vo = 100 mV
DACP20021
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
3.0
2.5
2.0
1.5
1.0
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
- 2 . 0
-3.0
-4.0
-5.0
-6.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0 17.0 18.0 19.0 20.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0 17.0 18.0 19.0 20.0
Input Flatness @ Vo = 3.0 V
5 .0
4.0
3.0
2.0
1.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0 17.0 18.0 19.0 20.0
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0 17.0 18.0 19.0 20.0
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
Input Flatness @ Vo = 100 mV
DACP20021
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
3.0
2.5
2.0
1.5
1.0
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
- 2 . 0
-3.0
-4.0
-5.0
-6.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
Input Flatness @ Vo = 3.0 V
5 .0
4.0
3.0
2.0
1.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
Input Flatness @ Vo = 100 mV
DACP20021
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
3.0
2.5
2.0
1.5
1.0
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
- 2 . 0
-3.0
-4.0
-5.0
-6.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
Input Flatness @ Vo = 3.0 V
5 .0
4.0
3.0
2.0
1.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
Input Flatness @ Vo = 100 mV
DACP20021
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
3.0
2.5
2.0
1.5
1.0
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
- 2 . 0
-3.0
-4.0
-5.0
-6.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
Input Flatness @ Vo = 3.0 V
5 .0
4.0
3.0
2.0
1.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
Input Flatness @ Vo = 100 mV
DACP20021
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
3.0
2.5
2.0
1.5
1.0
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
- 2 . 0
-3.0
-4.0
-5.0
-6.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
Input Flatness @ Vo = 3.0 V
5 .0
4.0
3.0
2.0
1.0
F R E Q U E N C Y - G H z
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
0.1
0.5
1.0
2.0
4.0
6.0
8.0
10.0 12.0
14.0 16.0
17.0 18.0
19.0 20.0
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 2.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 10.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LOG SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 18.0 GHz
I N P U T P O W E R - d B m
-40
-30
-20
-10
0
10
LINEAR SCALE
KEY:
+ 2 5 ° C
+ 8 5 ° C
- 4 0 ° C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com