Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT2222A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # PXT2222A
Description  NPN Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

PXT2222A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  PXT2222A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited PXT2222A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited PXT2222A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited PXT2222A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
NPN Switching Transistor
PXT2222A
E099
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA, IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA ,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
10
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
10
nA
DC current gain
hFE
VCE=10V, IC=0.1mA
VCE=10V, IC=1mA
VCE=10V, IC=10mA
VCE=1V, IC=150mA
VCE=10V, IC=150mA
VCE=10V, IC=500mA
35
50
75
50
100
40
300
Collector-emitter saturation voltage
VCE(sat)
IC=150mA ,IB=15mA
IC=500mA ,IB=50mA
0.3
1
V
Base-emitter saturation voltage
VBE(sat)
IC=150mA, IB=15mA
IC=500mA ,IB=50mA
0.6
1.2
2
V
Transition frequency
fT
VCE=10V,IC=20mA,
f=100MHz
300
MHz
Collector Capacitance
Cc
VCB=10V, f=1MHz ,IE=0
8
pF
Emitter Capacitance
Ce
VEB=10V, f=1MHz ,IC=0
25
pF
Noise Figure
F
IC=200uA,VCE=5V,RS=2kΩ
F=1kHz,B=200Hz
4
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com