Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT2222A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # PXT2222A
Description  NPN Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

PXT2222A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  PXT2222A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited PXT2222A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited PXT2222A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited PXT2222A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
NPN Switching Transistor
PXT2222A
E099
www.gmicroelec.com
Rev.A
1
FEATURES
High current.
Low voltage.
APPLICATIONS
General purpose switching and linear amplification.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
PXT2222A
1P
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
75
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
600
mA
ICM
Peak Collector Current
800
mA
IBM
Peak Base Current
200
mA
Ptot
Total Power Dissipation
1.25
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-65 to +150
℃
Pb
Lead-free


Similar Part No. - PXT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT2222A PHILIPS-PXT2222A Datasheet
44Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT2222A KEXIN-PXT2222A Datasheet
60Kb / 2P
NPN Switching Transistor
logo
NXP Semiconductors
PXT2222A NXP-PXT2222A Datasheet
157Kb / 10P
NPN switching transistor
2004 Nov 22
logo
Micro Commercial Compon...
PXT2222A MCC-PXT2222A Datasheet
181Kb / 2P
0.5W NPN General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT2222A HTSEMI-PXT2222A Datasheet
789Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - PXT2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com