Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOG01 Datasheet(PDF) 1 Page - TEMEX

Part # MOG01
Description  Frequency Multiplier by 10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

MOG01 Datasheet(HTML) 1 Page - TEMEX

  MOG01 Datasheet HTML 1Page - TEMEX MOG01 Datasheet HTML 2Page - TEMEX MOG01 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency Multiplier by 10
MO G01
MO G01 Revision B April 2013
1 / 3
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y t o p r o v i d e
o p t i m u m p e r f o r m a n c e a n d c o s t
Specific request can be addressed to RAKON info@rakon.fr
Product Description
MO G01 is an ultra low noise frequency multiplier-by-10
module.
It is a narrowband system dedicated to an input frequency
of 320MHz. Sub-harmonics filtering is adapted to the given
input frequency.
MO G01 is proposed in a 70mm x 70mm x 16mm package
as
a
stand-alone
module
for
lab
environment
(instrumentation, ground-based military equipment).
Features
•
Output level : +10 dBm typical @3.2GHz
•
Typical output close-in phase noise : input phase noise + 20dB
•
Typical output noise floor : input noise floor + 24dB
Applications
•
Instrumentation (test equipment, simulator)
•
Ground-based military equipment as per MIL-PRF-28800F, Class 3
Output @3.2GHz
Input @320MHz
24dB
20dB


Similar Part No. - MOG01

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
MOG01 RAKON-MOG01 Datasheet
412Kb / 3P
Frequency Multiplier by 10
April 2013
More results

Similar Description - MOG01

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2092A UMS-CHX2092A Datasheet
61Kb / 4P
10-40GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
10-30GHz Frequency Multiplier
CHX2092A UMS-CHX2092A_07 Datasheet
149Kb / 6P
10-40GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
10-30GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6125 AVAGO-AMMP-6125 Datasheet
424Kb / 9P
10-24 GHz x2 Frequency Multiplier
logo
United Monolithic Semic...
CHX2092A UMS-CHX2092A_15 Datasheet
105Kb / 6P
10-40GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com