Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOG01 Datasheet(PDF) 3 Page - TEMEX

Part # MOG01
Description  Frequency Multiplier by 10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

MOG01 Datasheet(HTML) 3 Page - TEMEX

  MOG01 Datasheet HTML 1Page - TEMEX MOG01 Datasheet HTML 2Page - TEMEX MOG01 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Frequency Multiplier by 10
MO G01
MO G01 Revision B April 2013
3 / 3
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y t o p r o v i d e
o p t i m u m p e r f o r m a n c e a n d c o s t
4.0
Mechanical features
Outline in mm
5.0
Pin description
Line
Pin number
Name
Description
5.1
1
Frequency input
Input signal at 320MHz
5.2
2 + lug
Supply voltage
Input supply (+) & ground (-)
5.3
3
Frequency output
Output signal at 3.2GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com