Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

181CPL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 181CPL
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

181CPL Datasheet(HTML) 2 Page - Vishay Siliconix

  181CPL Datasheet HTML 1Page - Vishay Siliconix 181CPL Datasheet HTML 2Page - Vishay Siliconix 181CPL Datasheet HTML 3Page - Vishay Siliconix 181CPL Datasheet HTML 4Page - Vishay Siliconix 181CPL Datasheet HTML 5Page - Vishay Siliconix 181CPL Datasheet HTML 6Page - Vishay Siliconix 181CPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
2
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
4.0
6.3
10
16
20
25
35
18


6.6 x 6.6 x 5.9
39

6.6 x 6.6 x 5.9
-
-
-
47


6.6 x 6.6 x 5.9
-
56

6.6 x 6.6 x 5.9
6.6 x 6.6 x 5.9
-
-
68

6.6 x 6.6 x 5.9
6.6 x 6.6 x 5.9
-
-
-
82

8.4 x 8.4 x 6.7

8.4 x 8.4 x 12
100
6.6 x 6.6 x 5.9
10.4 x 10.4 x
7.7
---
120
6.6 x 6.6 x 5.9
6.6 x 6.6 x 5.9
8.4 x 8.4 x 6.7
-
-
-
150
6.6 x 6.6 x 5.9
8.4 x 8.4 x 6.7
8.4 x 8.4 x 6.7
8.4 x 8.4 x 12
10.4 x 10.4 x
12.6
10.4 x 10.4 x
7.7
180

10.4 x 10.4 x
7.7
---
220
6.6 x 6.6 x 5.9
-
----
8.4 x 8.4 x 6.7
270
8.4 x 8.4 x 6.7
8.4 x 8.4 x 6.7
8.4 x 8.4 x 12
10.4 x 10.4 x
12.6
-
330
6.6 x 6.6 x 5.9
10.4 x 10.4 x
7.7
----
8.4 x 8.4 x 6.7
390
8.4 x 8.4 x 6.7

8.4 x 8.4 x 12
-
-
470
10.4 x 10.4 x
7.7

10.4 x 10.4 x
12.6
--
560
8.4 x 8.4 x 6.7
-
-
-
-
-
-
680
10.4 x 10.4 x
7.7
--
----
820

10.4 x 10.4 x
12.6
---
2-pin:
W
MAX.
S
L
MAX.
B
Negative
polarity
H
MAX.
MAX. 0.3
D
Ø 6.6 mm
L1
MAX.
2-pin:
W
MAX.
S
L
MAX.
B
H
MAX.
MAX. 0.3
D
≥ Ø 8.4 mm
L1
MAX.
Negative
polarity



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com