Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

181CPL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 181CPL
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

181CPL Datasheet(HTML) 3 Page - Vishay Siliconix

  181CPL Datasheet HTML 1Page - Vishay Siliconix 181CPL Datasheet HTML 2Page - Vishay Siliconix 181CPL Datasheet HTML 3Page - Vishay Siliconix 181CPL Datasheet HTML 4Page - Vishay Siliconix 181CPL Datasheet HTML 5Page - Vishay Siliconix 181CPL Datasheet HTML 6Page - Vishay Siliconix 181CPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
3
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Table 2
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print
layout and / or adjacent components.
For recommended soldering pad dimensions, refer to Fig. 3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
component during processing.
For maximum conditions refer to Fig. 4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
As a general principle, temperature and duration shall be the
minimum necessary required to ensure good soldering
connections. However, the specified maximum curves
should never be exceeded.
Fig. 3 - Recommended soldering pad dimensions
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
LMAX.
WMAX.
HMAX.
Ø D
BMAX.
SL1MAX.
MASS
(g)
6.6 x 6.6 x 5.9
0606
6.8
6.8
6
6.3
0.8
2.0
7.4
~ 0.25
8.4 x 8.4 x 6.7
0807
8.6
8.6
7
8
1.1
3.1
9.2
~ 0.5
8.4 x 8.4 x 12
0812
8.6
8.6
12.5
8
1.1
3.1
9.2
~ 0.8
10.4 x 10.4 x 7.7
1008
10.6
10.6
8
10
1.3
4.7
11.2
~ 0.9
10.4 x 10.4 x 12.6
1013
10.6
10.6
12.7
10
1.3
4.7
11.2
~ 1.3
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
PITCH
P1
TAPE WIDTH
W
TAPE
THICKNESS
T2
REEL DIAMETER
PACKAGING
QUANTITY
PER REEL
6.6 x 6.6 x 5.9
0606
12
16
6.2
380
1000
8.4 x 8.4 x 6.7
0807
12
16
6.8
380
1000
8.4 x 8.4 x 12
0812
16
16
13.0
380
400
10.4 x 10.4 x 7.7
1008
16
24
10.0
380
500
10.4 x 10.4 x 12.6
1013
16
24
14.0
380
400
aa
c
b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com