Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS3207 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ESS3207
Description  Video CD/DVD Companion Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESS3207 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ESS3207 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0076-051701
3
ES3207 VIDEO CD CC PRODUCT BRIEF
PIN DESCRIPTION
TSD
21
I
Transmit audio data input.
TBCK
22
I
Transmit audio bit clock.
RWS
23
O
Dual-purpose pin. RWS is the receive audio frame sync.
SEL_PLL1
I
Pins SEL_PLL[1:0] select the PLL clock frequency for the DCLK output.
RSTOUT#
24
O
Reset output (active-low).
NC
27:28,65:76
No connect. Do not connect to these pins.
RSD
33
O
Dual-purpose pin. RSD is the receive audio data input.
SEL_PLL0
I
SEL_PLL0 along with SEL_PLL1 select the PLL clock frequency for the DCLK out-
put. See the table for pin number 23.
RBCK
37
O
Dual-purpose pin. RBCK is the receive audio bit clock.
SER_IN
I
SER_IN is the serial input DSC mode.
0 = Parallel DSC mode.
1 = Serial DSC mode.
VSSA
41,50:51,56:57,62:63
I
Analog ground.
VREFM
42
I
DAC and ADC minimum reference. Bypass to VCMR with 10
µF in parallel with 0.1 µF.
VREFP
43
I
DAC and ADC maximum reference. Bypass to VCMR with 10
µF in parallel with 0.1 µF.
VCCA
44:45,59:60
I
Analog VCC, 5 V.
AOR
46
O
Right channel output.
AOL
47
O
Left channel output.
MIC2
48
I
Microphone input 2.
MIC1
49
I
Microphone input 1.
VREF
52
I
Internal resistor divider generates Common Mode Reference (CMR) voltage.
Bypass to analog ground with 0.1
µF.
VCM
53
I
ADC Common Mode Reference (CMR) buffer output. CMR is approximately 2.25 V.
Bypass to analog ground with 47
µF electrolytic in parallel with 0.1 µF.
RSET
54
I
Full scale DAC current adjustment.
COMP
55
I
Compensation pin.
CDAC
58
O
Modulated chrominance output.
YDAC
61
O
Y luminance data bus for screen video port.
VDAC
64
O
Composite video output.
XOUT
71
O
Crystal output.
XIN
74
I
27 MHz crystal input.
PCLK
79
I/O
13.5 MHz pixel clock.
PCLK2X
80
I/O
27 MHz (2 times pixel clock).
HSYNC#
82
O
Horizontal sync (active-low).
VSYNC#
84
O
Vertical sync (active-low).
YUV[7:0]
86:89,92,94,96,98
I
YUV data bus for screen video port.
Name
Number
I/O
Definition
SEL_PLL1
SEL_PLL0
DCLK
0
0
Bypass PLL (input mode)
0
1
27 MHz (output mode)
1
0
32.4 MHz (output mode)
1
1
40.5 MHz (output mode)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com