Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS3207 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESS3207
Description  Video CD/DVD Companion Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESS3207 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESS3207 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0076-051701
1
ES3207
Video CD/DVD Companion Chip
Product Brief
DESCRIPTION
The ES3207 Video CD/DVD Companion Chip provides an
optimal system design for a Video CD player or a DVD
player.
The ES3207, which is an enhanced version of the pin-
compatible ES3205, integrates most of the required
analog discrete components into a simple, cost-effective
solution and interfaces directly to the ES3210 (Video CD)
or ES3308 (DVD). No glue logic or external microcontroller
is required.
The ES3207 features include a high-quality NTSC/PAL
Digital
Video
Encoder
(DVE),
echo,
echo
reverb,
3DSound, surround sound, video and audio DACs, and a
PLL clock synthesizer. There are three 9-bit video DACs
(one for composite video output and two for S-video
outputs) and two 16-bit sigma-delta audio DACs for
interfacing with current sound systems.
The DVE generates composite and S-video analog
signals. Color Space Conversions (CSC) are provided to
match the input data to the required output format, then
the data is filtered to meet the selected video standards. In
addition, the ES3207 is equipped with a remote control
interface for power on/off, microphone ports, auxiliary
ports, and an interface for accessing internal registers.
Figure 1 shows a block diagram of a typical stand-alone
system using the ES3210 Video CD Processor Chip or the
ES3308 MPEG2 Audio/Video Decoder Chip and an
ES3207 Video CD Companion Chip.
FEATURES
• Multi-standard TV encoder:
– CCIR601 non-square operation
– NTSC/PAL formats
– Master video mode
– 8-bit interface for YCrCb (4:2:2) input format
– Simultaneous composite and S-video output
– Interlaced operation
• Audio DACs:
– Two 16-bit sigma-delta DACs
– Accepts I2S format data
– Programmable functions
• 3DSound and surround sound
• Remote control interface for power on/off
• Digitally controlled echo with up to 168 ms delay
• Vocal reverb for theater acoustical effects
• Dual microphone input
• Clock synthesizer (PLL):
– Based on 27 MHz crystal input
– Generates required clocks for video encoder, audio
DAC, echo and surround sound, and video
processor
• Device Serial Communication (DSC) port for command
issued/register access
• Power management
• 100-Pin PQFP
• Single 5 V power supply
Figure 1 ES3207 Video CD Companion Chip System Block Diagram
ES3207
DRAM
Remote
VFD
VFD
Driver
Panel
Receiver
ES3210
CD-ROM
Audio DAC
3D/Echo/Surround
PLL
NTSC/PAL Video
DSC
ROM
Television
Speakers
(Video CD)
or
ES3308
(DVD)
or
DVD-ROM
Drive
Preamp
Volume Control
Preamp
Volume Control
Mic 1
Mic 2


Similar Part No. - ESS3207

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
ESS32S1 SCHMERSAL-ESS32S1 Datasheet
8Mb / 124P
Command and signalling devices
ESS32S123 SCHMERSAL-ESS32S123 Datasheet
8Mb / 124P
Command and signalling devices
ESS32S2 SCHMERSAL-ESS32S2 Datasheet
8Mb / 124P
Command and signalling devices
ESS32S3 SCHMERSAL-ESS32S3 Datasheet
8Mb / 124P
Command and signalling devices
More results

Similar Description - ESS3207

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
DVD/CD Read Channel
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
CD and DVD playback
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
logo
Rohm
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
CD-ROM / DVD BTL DRIVE
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
DVD/CD Servo
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
DVD / CD ATAPI CONTROLLER
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
DVD and CD playback IC
Rev. 03-25 November 2004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com