Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 13Page - STMicroelectronics ST1S31PUR Datasheet HTML 14Page - STMicroelectronics ST1S31PUR Datasheet HTML 15Page - STMicroelectronics ST1S31PUR Datasheet HTML 16Page - STMicroelectronics ST1S31PUR Datasheet HTML 17Page - STMicroelectronics ST1S31PUR Datasheet HTML 18Page - STMicroelectronics ST1S31PUR Datasheet HTML 19Page - STMicroelectronics ST1S31PUR Datasheet HTML 20Page - STMicroelectronics ST1S31PUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID022998 Rev 4
17/35
ST1S31
Application information
35
The placement of the input capacitor is very important to avoid noise injection and voltage
spikes on the input voltage pin. So the CIN must be placed as close as possible to the
VIN_SW pin. In Table 6 some multilayer ceramic capacitors suitable for this device are
given.
A ceramic bypass capacitor, as close as possible to the VINA pin so that additional parasitic
ESR and ESL are minimized, is suggested in order to prevent instability on the output
voltage due to noise. The value of the bypass capacitor can go from 330 nF to 1 µF.
5.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value to have the expected current ripple must be selected. The rule to
fix the current ripple value is to have a ripple at 20% - 40% of the output current.
In continuous current mode (CCM), the inductance value can be calculated by Equation 19:
Equation 19
where TON is the conduction time of the high-side switch and TOFF is the conduction time of
the low-side switch (in CCM, FSW = 1/(TON + TOFF)). The maximum current ripple, given the
VOUT, is obtained at maximum TOFF, that is, at minimum duty cycle (see previous section to
calculate minimum duty). So by fixing
IL = 20% to 30% of the maximum output current, the
minimum inductance value can be calculated:
Equation 20
where FSWMIN is the minimum switching frequency, according to Table 4. The slope
compensation, to prevent the sub-harmonic instability in the peak current control loop, is
internally managed and so fixed. This implies a further lower limit for the inductor value. To
assure sub-harmonic stability:
Equation 21
where VPP is the peak-to-peak value of the slope compensation ramp. The inductor value
selected based on Equation 20 must satisfy Equation 21. The peak current through the
inductor is given by Equation 22:
Table 6. Input MLCC capacitors
Manufacturer
Series
Cap value (
µF)
Rated voltage (V)
Murata
GRM21
10
10
TDK
C3225
10
25
C3216
10
16
TAIYO YUDEN
LMK212
22
10
I
L
VIN VOUT
–
L
------------------------------ TON
VOUT
L
-------------- TOFF
==
LMIN
VOUT
I
MAX
----------------
1DMIN
–
FSWMIN
-----------------------
=
LVout 2Vpp fsw





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com