Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 15Page - STMicroelectronics ST1S31PUR Datasheet HTML 16Page - STMicroelectronics ST1S31PUR Datasheet HTML 17Page - STMicroelectronics ST1S31PUR Datasheet HTML 18Page - STMicroelectronics ST1S31PUR Datasheet HTML 19Page - STMicroelectronics ST1S31PUR Datasheet HTML 20Page - STMicroelectronics ST1S31PUR Datasheet HTML 21Page - STMicroelectronics ST1S31PUR Datasheet HTML 22Page - STMicroelectronics ST1S31PUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID022998 Rev 4
19/35
ST1S31
Application information
35
In Table 8 some capacitor series are listed.
5.4
Thermal dissipation
The thermal design is important to prevent the thermal shutdown of the device if junction
temperature goes above 150 °C. The three different sources of losses within the device are:
a)
conduction losses due to the on-resistance of high-side switch (RHS) and low-side
switch (RLS); these are equal to:
Equation 24
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT and VIN, but it is actually slightly higher to compensate the losses of
the regulator.
b)
switching losses due to high-side power MOSFET turn-on and turn-off; these can
be calculated as:
Equation 25
where TRISE and TFALL are the overlap times of the voltage across the high-side power
switch (VDS) and the current flowing into it during the turn-on and turn-off phases, as shown
in Figure 9. TSW is the equivalent switching time. For this device the typical value for the
equivalent switching time is 20 ns.
c)
Quiescent current losses, calculated as:
Equation 26
where IQ is the quiescent current (IQ = 1.2 mA maximum).
Table 8. Output capacitors
Manufacturer
Series
Cap value (
µF)
Rated voltage (V)
ESR (m
)
Murata
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
Panasonic
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
Sanyo
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
PCOND
RHS IOUT
2 DR
LS IOUT
2
1D
–


+

=
PSW
VIN IOUT
TRISE TFALL
+

2
------------------------------------------- Fsw

VIN IOUT TSW FSW

==
PQ
VIN IQ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com