Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333IS Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 35Page - STMicroelectronics STA333IS Datasheet HTML 36Page - STMicroelectronics STA333IS Datasheet HTML 37Page - STMicroelectronics STA333IS Datasheet HTML 38Page - STMicroelectronics STA333IS Datasheet HTML 39Page - STMicroelectronics STA333IS Datasheet HTML 40Page - STMicroelectronics STA333IS Datasheet HTML 41Page - STMicroelectronics STA333IS Datasheet HTML 42Page - STMicroelectronics STA333IS Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
DocID022855 Rev 3
39/43
STA333IS
Package mechanical data
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
The STA333IS comes in a CSP 5x6 array package.
Soldering information
Figure 12. Recommended soldering reflow profile for mounting on PCB
Table 47. Recommended soldering reflow values for mounting on PCB
Profile
Typ.
Max.
Temp. gradient in preheat (T = 70 - 180 °C)
0.9 °C/s
3 °C/s
Temp. gradient (T = 200 - 225 °C)
2 °C/s
3 °C/s
Peak temp. in reflow
240 - 245 °C
260 °C
Time above 220 °C
60 s
90 s
Temp. gradient in cooling
-2 to -3 °C
-6 °C
Time from 50 to 220 °C
160 to 220 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com