Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHM035V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM035V2
Description  3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM035V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM035V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM035V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM035V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM035V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM035V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM035V2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
August 2013
DocID025149 Rev 1
1/6
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IHM035V2
3-phase high voltage inverter power board for FOC and scalar
motor control based on the STGIPN3H60 (SLLIMM™-nano)
Data brief
Features
•
Nominal power: up to 100 W
•
Compatible with 3.3 V and 5 V control board
•
Single shunt resistor for current reading
•
On-board temperature sensor
•
Overcurrent protection with boost/disabling
capability
•
For six-step drives:
−
Current limitation/regulation network
−
BEMF detection network
•
MC connector
•
Compatible with sinusoidal and trapezoidal
control
•
RoHS compliant
Description
The STEVAL-IHM035V2 is designed to drive a
high voltage/low power 3-phase brushless motor,
either synchronous or asynchronous (PMSM and
ACIM). It provides a compact solution in terms of
size and efficient power dissipation, thanks to the
ST IPM STGIPN3H60 (SLLIMM™-nano). With
the on-board MC-connector, the demonstration
board can also be interfaced with any ST MCU
control board in order to implement a complete
motor drive.


Similar Part No. - STEVAL-IHM035V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
More results

Similar Description - STEVAL-IHM035V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
13-Jan-2010
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM036V1 STMICROELECTRONICS-STEVAL-IHM036V1 Datasheet
314Kb / 6P
Low power motor control board featuring the SLLIMM??STGIPN3H60 and MCU STM32F100C6T6B
14-May-2012
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
STEVAL-IPMNG3Q STMICROELECTRONICS-STEVAL-IPMNG3Q Datasheet
337Kb / 8P
Motor control power board based on the SLLIMM-nano 2nd series
27-Feb-2017
STEVAL-IPM10B STMICROELECTRONICS-STEVAL-IPM10B Datasheet
1Mb / 9P
1200 W motor control power board based on STGIB10CH60TS-L SLLIMM™2nd series IPM
Rev 4 - September 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com