Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ253-CEF Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LPQ253-CEF
Description  250 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ253-CEF Datasheet(HTML) 4 Page - Artesyn Technologies

  LPQ253-CEF Datasheet HTML 1Page - Artesyn Technologies LPQ253-CEF Datasheet HTML 2Page - Artesyn Technologies LPQ253-CEF Datasheet HTML 3Page - Artesyn Technologies LPQ253-CEF Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LPQ250 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPQ250 Series-DS 18Mar2016
Pin Assignments
Connector
SK1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
SK2
PIN 1
+ 12/15V
PIN 2
Common
PIN 3
Common
PIN 4
- 12/15 V
PIN 5
5-25 V RET Float
PIN 6
5-25 V Float
SK3
PIN 1
+ Remote sense
PIN 2
- Remote sense
PIN 3
Remote inhibit (N.O.)
PIN 4
Remote inhibit (N.C.)
PIN 5
Common
PIN 6
Current sharing
PIN 7
Power Fail
PIN 8
DC Power Good
SK4
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
SK5
PIN 1
+ Supervisory output supply (5 V @ 100 mA)
PIN 2
- Supervisory output supply (5 V @ 100 mA)
SK7
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
MatingConnectors
SK3
Molex 22-01-1084
PINS: 08-70-0057
SK4
Molex 22-01-3027
PINS: 08-50-0114
SK5
Molex 22-01-3027
PINS: 08-50-0114
SK7
Molex 22-01-3027
PINS: 08-50-0114
Artesyn Embedded Technologies Connector Kit #70-841-005, includes all of the above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com