Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ253-CEF Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPQ253-CEF
Description  250 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ253-CEF Datasheet(HTML) 1 Page - Artesyn Technologies

  LPQ253-CEF Datasheet HTML 1Page - Artesyn Technologies LPQ253-CEF Datasheet HTML 2Page - Artesyn Technologies LPQ253-CEF Datasheet HTML 3Page - Artesyn Technologies LPQ253-CEF Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LPQ250 Series
250 Watts
Total Power: 250 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Quad
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN61000-3-2 compliance
ƒ
Remote sense on main output
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Adjustable floating 4th output
ƒ
Two supervisory outputs 5 V and 12 V
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
120 KHz switching frequency
ƒ
RoHS compliant
ƒ
Cover -C
ƒ
Optional with fan cover -CF
ƒ
Optional end fan cover -CEF
SAFETY
ƒ
VDE
0805/EN60950 (IEC950)
11774-3336-1262
ƒ
UL
UL1950 EI32002
ƒ
CSA
CSA 22.2-234 Level 5
LR53982C
ƒ
NEMKO EN 60950/EMKO-TUE
P95102999 (74-sec) 203
ƒ
CB
Certificate & report 2186
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac; 120-300 Vdc
Frequency
47 - 440 Hz
Inrush current
20 A max, cold start @ 25 °C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and radiated
VDE 0878 PT3 Class B conducted and radiated
Safety ground leakage current
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
With cover: 250 W with 30 CFM forced air.
(-C) (-CF) (CEF)
Adjustment range
± 5% min. on main: 5-25 V on 4th output
Standby outputs
5 V @ 100 mA regulated, 12 V @ 500 mA
Hold-up time
16 ms @ 250 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145% above peak rating
Overvoltage protection
5 V output: 5.7 to 6.7 Vdc.
Other models 10% to 25% above nominal output
Data Sheet


Similar Part No. - LPQ253-CEF

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ253-CEF ASTEC-LPQ253-CEF Datasheet
137Kb / 2P
Active power factor correction
More results

Similar Description - LPQ253-CEF

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIH50Y300 ASTEC-AIH50Y300 Datasheet
115Kb / 2P
250 Watts
HMFLEX ASTEC-HMFLEX Datasheet
490Kb / 2P
250-2600 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
250 Watts
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
250 Watts
logo
Artesyn Technologies
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
250 Watts
250-XXXRM-S ANAREN-250-XXXRM-S Datasheet
180Kb / 2P
250 Watts
logo
Artesyn Technologies
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
250 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com