Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069UBM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4069UBM1
Description  HEX INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4069UBM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4069UBM1 Datasheet HTML 1Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 2Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 3Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 4Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 5Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 6Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2001
s
MEDIUM-SPEED OPERATION
tPD = 30ns (Typ.) at 10V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4069UB is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4069UB consists of six COS/MOS
inverter circuits. This device is intended for all
general purpose inverter applications where the
medium
power
TTL-drive
and
logic
level
conversion capabilities of circuits such HCF4049B
HEX INVERTER/BUFFERS are not required.
HCF4069UB
HEX INVERTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4069UBEY
SOP
HCF4069UBM1
HCF4069UM013TR
DIP
SOP


Similar Part No. - HCF4069UBM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4069UBM1 STMICROELECTRONICS-HCF4069UBM1 Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
More results

Similar Description - HCF4069UBM1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com