Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069UBM1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4069UBM1
Description  HEX INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4069UBM1 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4069UBM1 Datasheet HTML 1Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 2Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 3Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 4Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 5Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 6Page - STMicroelectronics HCF4069UBM1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HCF4069UB
2/7
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11,
13
A, B, C, D, E,
F
Data Inputs
2, 4, 6, 8, 10,
12
G, H, I, J, K,
L
Data Outputs
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage
INPUTS
OUTPUTS
A, B, C, D, E, F
G, H, I, J, K, L
LH
HL
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
3 to 20
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com