Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SD965
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SD965 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SD965 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965
E032
www.gmicroelec.com
Rev.B
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA ,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
7
V
Collector cut-off current
ICBO
VCB=10V, IE=0
0.1
uA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
uA
Collector-emitter saturation voltage
VCE(sat)
IC/IB=3A/0.1A
1
V
VCE=2V, IC=1mA
200
VCE=2V, IC=0.5A
230
1000
DC current gain(note)
hFE
VCE=2V, IC=0.1A
150
Current gain bandwidth product
fT
VCE=6V,IC=50mA
150
MHz
Output Capacitance
Cob
VCB=20V, f=1MHz ,IE=0A
50
pF
CLASSIFICATION OF hFE2
RANK
Q
R
S
T
RANGE
230-380
340-600
560-800
600-1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com