Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SD965
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SD965 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  2SD965 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Production specification
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965
E032
www.gmicroelec.com
Rev.B
4
PACKAGE OUTLINE
Plastic surface mounted package
SOT-89
SOLDERING FOOTPRINT
Unit:mm
PACKAGE INFORMATION
SOT-89
Dim
Min
Max
A
4.30
4.70
B
2.25
2.65
C
1.50 Typical
D
0.40 Typical
E
1.40
1.60
F
0.48 Typical
H
1.60
1.80
J
0.40 Typical
L
0.90
1.10
K
3.95
4.35
All Dimensions in mm
Device
Package
Shipping
2SD965
SOT-89
1000/Tape&Reel
B
K
C
D
E
J
F
A
H
L
45°
45°
1.00
1.50
1.00
1.50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com