Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C8008 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C8008
Description  512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8008 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C8008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PIN CONFIGURATION
A1
A2
A3
A4
NC
NC
NC
DQ0
Vcc
Vss
A14
A19
NC
DQ6
DQ7
DQ5
Vss
Vcc
DQ4
NC
DQ1
DQ2
TSOP-II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A18
A0
NC
NC
A5
A6
A7
A10
A11
DQ3
NC
A17
A16
A15
A12
A9
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A13
CE#
WE#
A8
CE2
OE#
TFBGA
NC
NC
A3
A10
A9
A11
A0
A14
A8
A19
WE#
DQ0
DQ3
NC
A18
Vss
CE2
A13
NC
Vcc
Vcc
A15
Vss
CE#
NC
DQ7
DQ4
NC
A2
OE#
A1
A6
A5
A4
NC
1
2
3
4
5
6
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
NC
DQ1
DQ2
NC
NC
DQ6
DQ5
NC
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
JANUARY 2008
JANUARY/2008, V 1.0
Alliance Memory Inc.
Page 2 of 11
AS6C8008
1024K X 8 BIT SUPER LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com