Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C8008 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C8008
Description  512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8008 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C8008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
Fast access time : 55ns
Low power consumption:
Operating current : 30mA (TYP.)
Standby current : 6µA (TYP.) LL-version
Single 2.7V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
Lead free and green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS6C8008 is a 8,388,608-bit low power
CMOS static random access memory organized as
1,048,576 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The AS6C8008 is well designed for very low
power system applications, and particularly well
suited for battery back-up nonvolatile memory
application.
The AS6C8008 operates from a single power
supply of 2.7V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.) Operating(Icc,TYP.)
AS6C8008(I)
-40 ~ 85℃
2.7 ~ 5.5V
55ns
6µA(LL)
30mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
1024Kx8
MEMORY A
RRAY
COLUMN I/O
A0-A19
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A19
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
512KX 8 BIT LOW POWER CMOS SRAM
January 2007
JANUARY 2008
JANUARY/2008, V 1.0
Alliance Memory Inc.
Page 1 of 11
AS6C8008
1024K X 8 BIT SUPER LOW POWER CMOS SRAM


Similar Part No. - AS6C8008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6C8008 ETC2-AS6C8008 Datasheet
756Kb / 11P
512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8008A ALSC-AS6C8008A Datasheet
706Kb / 13P
Power Supply Voltage
AS6C8008A-45BIN ALSC-AS6C8008A-45BIN Datasheet
706Kb / 13P
Power Supply Voltage
AS6C8008A-45ZIN ALSC-AS6C8008A-45ZIN Datasheet
706Kb / 13P
Power Supply Voltage
More results

Similar Description - AS6C8008

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248 Datasheet
192Kb / 13P
1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248 Datasheet
191Kb / 13P
1024K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L10248 LYONTEK-LY62L10248_11 Datasheet
431Kb / 13P
1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_11 Datasheet
435Kb / 13P
1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248_13 Datasheet
350Kb / 13P
1024K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C8008 ETC2-AS6C8008 Datasheet
756Kb / 11P
512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L10248 LYONTEK-LY62L10248_16 Datasheet
372Kb / 14P
1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_16 Datasheet
486Kb / 13P
1024K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com