Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF430 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFF430
Description  HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF430 Datasheet(HTML) 2 Page - International Rectifier

  IRFF430 Datasheet HTML 1Page - International Rectifier IRFF430 Datasheet HTML 2Page - International Rectifier IRFF430 Datasheet HTML 3Page - International Rectifier IRFF430 Datasheet HTML 4Page - International Rectifier IRFF430 Datasheet HTML 5Page - International Rectifier IRFF430 Datasheet HTML 6Page - International Rectifier IRFF430 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFF430
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
5.0
RthJA
Junction-to-Ambient
175
Typical socket mount.
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
2.5
ISM
Pulse Source Current (Body Diode) ➀
——
1 1
VSD
Diode Forward Voltage
1.4
V
Tj = 25°C, IS =2.5A, VGS = 0V ➃
trr
Reverse Recovery Time
900
nS
Tj = 25°C, IF =2.5A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
7.0
µC
VDD ≤ 50V ➃
t on
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
5 00
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.43
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
1.5
VGS = 10V, ID =1.5A ➃
Resistance
1.725
VGS =10V, ID =2.5A ➃
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.5
S ( )
VDS > 15V, IDS = 1.5A ➃
IDSS
Zero Gate Voltage Drain Current
2 5
VDS= 400V, VGS=0V
250
µA
VDS = 400V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
1 0 0
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
nA
VGS = -20V
Qg
Total Gate Charge
19.8
29.5
VGS =10V, ID =2.5A
Qgs
Gate-to-Source Charge
2.2
4.6
nC
VDS= 250V
Qgd
Gate-to-Drain (‘Miller’) Charge
5.5
19.7
td(on)
Turn-On Delay Time
3 0
VDD = 250V, ID = 2.5A,
t r
Rise Time
3 0
RG = 7.5Ω
td(off)
Turn-Off Delay Time
5 5
tf
Fall Time
3 0
LS + LD
Total Inductance
7.0
Ciss
Input Capacitance
610
VGS = 0V, VDS = 25V
Coss
Output Capacitance
135
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
6 5
nH
ns
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com