Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF430 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFF430
Description  HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF430 Datasheet(HTML) 1 Page - International Rectifier

  IRFF430 Datasheet HTML 1Page - International Rectifier IRFF430 Datasheet HTML 2Page - International Rectifier IRFF430 Datasheet HTML 3Page - International Rectifier IRFF430 Datasheet HTML 4Page - International Rectifier IRFF430 Datasheet HTML 5Page - International Rectifier IRFF430 Datasheet HTML 6Page - International Rectifier IRFF430 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
2.5
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
1.5
IDM
Pulsed Drain Current ➀
11
PD @ TC = 25°C
Max. Power Dissipation
2 5
W
Linear Derating Factor
0.20
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
0.35
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98(typical)
g
PD -90433C
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance.
The HEXFET transistors also feature all of the well
established advantages of MOSFETs such as volt-
age control, very fast switching, ease of parelleling
and temperature stability of the electrical parameters.
They are well suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high energy pulse circuits.
o C
A
01/22/01
www.irf.com
1
TO-39
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFF430
500V
1.5
Ω
2.5A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
IRFF430
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6802
HEXFET
TRANSISTORS
JANTXV2N6802
THRU-HOLE (TO-205AF)
REF:MIL-PRF-19500/557
500V, N-CHANNEL


Similar Part No. - IRFF430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
Seme LAB
IRFF430 SEME-LAB-IRFF430 Datasheet
23Kb / 2P
N?밅HANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
IRFF430 NJSEMI-IRFF430 Datasheet
96Kb / 2P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - IRFF430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6847 IRF-JANTX2N6847 Datasheet
130Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF210 IRF-IRFF210 Datasheet
130Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
JANS2N6851 IRF-JANS2N6851 Datasheet
135Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF9110 IRF-IRFF9110 Datasheet
143Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF9210 IRF-IRFF9210 Datasheet
130Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRLF120 IRF-IRLF120 Datasheet
548Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-39)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
134Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com