Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58274C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58274C
Description  Microprocessor Compatible Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58274C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58274C Datasheet HTML 1Page - National Semiconductor (TI) MM58274C Datasheet HTML 2Page - National Semiconductor (TI) MM58274C Datasheet HTML 3Page - National Semiconductor (TI) MM58274C Datasheet HTML 4Page - National Semiconductor (TI) MM58274C Datasheet HTML 5Page - National Semiconductor (TI) MM58274C Datasheet HTML 6Page - National Semiconductor (TI) MM58274C Datasheet HTML 7Page - National Semiconductor (TI) MM58274C Datasheet HTML 8Page - National Semiconductor (TI) MM58274C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Input or Output Voltage
b
03V to VDD a 03V
DC Input or Output Diode Current
g
50 mA
Storage Temperature TSTG
b
65 Cto a150 C
Supply Voltage VDD
65V
Power Dissipation PD
500 mW
Lead Temperature
(Soldering 10 seconds)
260
Operating Conditions
Min
Max
Units
Operating Supply Voltage
45
55
V
Standby Mode Supply Voltage
22
55
V
DC Input or Output Voltage
0
VDD
V
Operating Temperature Range
b
40
85
C
Electrical Characteristics VDD e 5V g10% T eb40 Cto a85 C unless otherwise stated
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High Level Input
20
V
Voltage (except
XTAL IN)
VIL
Low Level Input
08
V
Voltage (except
XTAL IN)
VOH
High Level Output
IOH eb20 mAVDD b 01
V
Voltage (DB0 – DB3)
IOH eb16 mA
37
V
VOH
High Level Output
IOH eb20 mAVDD b 01
V
Voltage (INT)
(In Test Mode)
VOL
Low Level Output
IOL e 20 mA
01
V
Voltage (DB0 – DB3
iOL e 16 mA
04
V
INT)
IIL
Low Level Input Current
VIN e VSS (Note 2)
b
5
b
80
m
A
(AD0 – AD3 DB0 – DB3)
IIL
Low Level Input Current
VIN e VSS (Note 2)
b
5
b
190
m
A
(WR RD)
IIL
Low Level Input Current
VIN e VSS (Note 2)
b
5
b
550
m
A
(CS)
IOZH
Ouput High Level
VOUT e VDD
20
m
A
Leakage Current (INT)
IDD
Average Supply Current
All VIN e VCC or Open Circuit
VDD e 22V (Standby Mode)
4
10
m
A
VDD e 50V (Active Mode)
1
mA
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
(Outputs Disabled)
10
pF
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur All voltages referenced to ground unless otherwise noted
Note 2
The DB0–DB3 and AD0–AD3 lines all have active P-channel pull-up transistors which will source current The CS RD and WR lines have internal pull-up
resistors to VDD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com