Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58274C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58274C
Description  Microprocessor Compatible Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58274C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM58274C Datasheet HTML 1Page - National Semiconductor (TI) MM58274C Datasheet HTML 2Page - National Semiconductor (TI) MM58274C Datasheet HTML 3Page - National Semiconductor (TI) MM58274C Datasheet HTML 4Page - National Semiconductor (TI) MM58274C Datasheet HTML 5Page - National Semiconductor (TI) MM58274C Datasheet HTML 6Page - National Semiconductor (TI) MM58274C Datasheet HTML 7Page - National Semiconductor (TI) MM58274C Datasheet HTML 8Page - National Semiconductor (TI) MM58274C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLF11219
April 1991
MM58274C
Microprocessor Compatible Real Time Clock
General Description
The MM58274C is fabricated using low threshold metal gate
CMOS technology and is designed to operate in bus orient-
ed microprocessor systems where a real time clock and cal-
endar function are required The on-chip 32768 kHz crystal
controlled oscillator will maintain timekeeping down to 22V
to allow low power standby battery operation This device is
pin compatible with the MM58174A but continues timekeep-
ing up to tens of years The MM58274C is a direct replace-
ment for the MM58274 offering improved Bus access cycle
times
Applications
Y
Point of sale terminals
Y
Teller terminals
Y
Word processors
Y
Data logging
Y
Industrial process control
Features
Y
Same
pin-out
as
MM58174A
MM58274B
and
MM58274
Y
Timekeeping from tenths of seconds to tens of years in
independently accessible registers
Y
Leap year register
Y
Hours counter programmable for 12 or 24-hour
operation
Y
Buffered crystal frequency output in test mode for easy
oscillator setting
Y
Data-changed flag allows simple testing for time
rollover
Y
Independent interrupting time with open drain output
Y
Fully TTL compatible
Y
Low power standby operation (10 mA at 22V)
Y
Low cost 16-pin DIP and 20-pin PCC
Block Diagram
TLF11219 – 1
FIGURE 1
TRI-STATE
is a registered trademark of National Semiconductor Corp
MicrobusTM is a trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM58274C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58274CJ-12 NSC-MM58274CJ-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58274CN-12 NSC-MM58274CN-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
logo
Aries Electronics, Inc.
MM58274CV ARIES-MM58274CV Datasheet
730Kb / 1P
A cost-effective means of upgrading to a PLCC package type Clock Chip without changing your PCB layout
logo
National Semiconductor ...
MM58274CV-12 NSC-MM58274CV-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
More results

Similar Description - MM58274C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
Microprocessor Real Time Clock
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
Microprocessor-Compatible Real-Time Clock
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com