Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC123 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HC123
Description  Dual Retriggerable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HC123 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  HC123 Datasheet HTML 1Page - National Semiconductor (TI) HC123 Datasheet HTML 2Page - National Semiconductor (TI) HC123 Datasheet HTML 3Page - National Semiconductor (TI) HC123 Datasheet HTML 4Page - National Semiconductor (TI) HC123 Datasheet HTML 5Page - National Semiconductor (TI) HC123 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
sistor REXT toward VCC When the voltage across CEXT
equals VREF2 comparator C2 changes state causing the
output latch to reset (Q goes low) while at the same time
disabling comparator C2 This ends the timing cycle with the
monostable in the quiescent state waiting for the next trig-
ger
A valid trigger is also recognized when trigger input B goes
from GND to VCC (while input A is at GND and input clear is
at VCCk) The ’HC123A can also be triggered when clear
goes from GND to VCC (while A is at GND and B is at
VCCo)
It should be noted that in the quiescent state CEXT is fully
charged to VCC causing the current through resistor REXT to
be zero Both comparators are ‘‘off’’ with the total device
current due only to reverse junction leakages An added
feature of the ’HC123A is that the output latch is set via the in-
put trigger without regard to the capacitor voltage Thus prop-
agation delay from trigger to Q is independent of the value
of CEXT REXT or the duty cycle of the input waveform
RETRIGGER OPERATION
The ’HC123A is retriggered if a valid trigger occurs l fol-
lowed by another trigger m before the Q output has re-
turned to the quiescent (zero) state Any retrigger after the
timing node voltage at the RCEXT pin has begun to rise
from VREF1 but has not yet reached VREF2 will cause an
increase in output pulse width T When a valid retrigger is
initiated m the voltage at the RCEXT pin will again drop to
VREF1 before progressing along the RC charging curve
toward VCC The Q output will remain high until time T after
the last valid retrigger
Because the trigger-control circuit flip-flop resets shortly af-
ter CX has discharged to the reference voltage of the lower
reference circuit the minimum retrigger time trr is a function
of internal propagation delays and the discharge time of CX
trr
20 a
187
VCC b 07
a
565 a (0256 VCC)CX
VCC b 07 2
Another removalretrigger time occurs when a short clear
pulse is used Upon receipt of a clear the one shot must
charge the capacitor up to the upper trip point before the
one shot is ready to receive the next trigger This time is
dependent on the capacitor used and is approximately
trr e 196 a
640
VCC b 07
a
522 a (03 VCC)CX
(VCC b 07)2
ns
RESET OPERATION
These one shots may be reset during the generation of the
output pulse In the reset mode of operation an input pulse
on clear sets the reset latch and causes the capacitor to be
fast charged to VCC by turning on transistor Q1 n When
the voltage on the capacitor reaches VREF2 the reset latch
will clear and then be ready to accept another pulse If the
clear input is held low any trigger inputs that occur will be
inhibited and the Q and Q outputs of the output latch will
not change Since the Q output is reset when an input low
level is detected on the Clear input the output pulse T can
be made significantly shorter than the minimum pulse width
specification
Typical Output Pulse Width vs
Timing Components
TLF5206 – 7
Typical Distribution of Output
Pulse Width Part to Part
TLF5206 – 8
Typical 1ms Pulse Width
Variation vs Supply
TLF5206 – 9
Minimum REXT vs
Supply Voltage
TLF5206 – 10
Typical 1ms Pulse Width
Variation vs Temperature
TLF5206 – 11
Note
R and C are not subjected to temperature The C is polypropylene
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com