Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC123 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HC123
Description  Dual Retriggerable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HC123 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  HC123 Datasheet HTML 1Page - National Semiconductor (TI) HC123 Datasheet HTML 2Page - National Semiconductor (TI) HC123 Datasheet HTML 3Page - National Semiconductor (TI) HC123 Datasheet HTML 4Page - National Semiconductor (TI) HC123 Datasheet HTML 5Page - National Semiconductor (TI) HC123 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5206
January 1988
MM54HC123AMM74HC123A
Dual Retriggerable Monostable Multivibrator
General Description
The MM5474HC123A high speed monostable multivibra-
tors (one shots) utilize advanced silicon-gate CMOS tech-
nology They feature speeds comparable to low power
Schottky TTL circuitry while retaining the low power and
high noise immunity characteristic of CMOS circuits
Each multivibrator features both a negative A and a posi-
tive B transition triggered input either of which can be
used as an inhibit input Also included is a clear input that
when taken low resets the one shot The ’HC123 can be
triggered on the positive transition of the clear while A is
held low and B is held high
The ’HC123A is retriggerable That is it may be triggered
repeatedly while their outputs are generating a pulse and
the pulse will be extended
Pulse width stability over a wide range of temperature and
supply is achieved using linear CMOS techniques The out-
put pulse equation is simply PWe(REXT)(CEXT) where PW
is in seconds R is in ohms and C is in farads All inputs are
protected from damage due to static discharge by diodes to
VCC and ground
Features
Y
Typical propagation delay 25 ns
Y
Wide power supply range 2V – 6V
Y
Low quiescent current 80 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Y
Simple pulse width formula T e RC
Y
Wide pulse range 400 ns to % (typ)
Y
Part to part variation g5% (typ)
Y
Schmitt TriggerAB inputs enable infinite signal input
rise and fall times
Connection Diagram
Dual-In-Line Package
TLF5206 – 1
Top View
Order Number MM54HC123A or MM74HC123A
Timing Component
TLF5206 – 2
Note
Pin 6 and Pin 14 must be
hard-wired to GND
Truth Table
Inputs
Outputs
Clear
AB
Q
Q
LX
X
L
H
XH
X
L
H
XX
L
L
H
HL
u
H
v
H
u
LH
H e High Level
L e Low Level
u e Transition from Low to High
v e Transition from High to Low
e
One High Level Pulse
e
One Low Level Pulse
X e Irrelevant
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - HC123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC123 PHILIPS-HC123 Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
logo
STMicroelectronics
HC123 STMICROELECTRONICS-HC123 Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
logo
Texas Instruments
HC123 TI-HC123 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Toshiba Semiconductor
HC123 TOSHIBA-HC123 Datasheet
486Kb / 12P
DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
logo
System Logic Semiconduc...
HC123 SLS-HC123 Datasheet
59Kb / 6P
Dual Retriggerable Monostable Multivibrator
More results

Similar Description - HC123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Fairchild Semiconductor
74VHC123AMX FAIRCHILD-74VHC123AMX Datasheet
469Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com