Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58167 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58167
Description  Microprocessor Real Time Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58167 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button MM58167 Datasheet HTML 2Page - National Semiconductor (TI) MM58167 Datasheet HTML 3Page - National Semiconductor (TI) MM58167 Datasheet HTML 4Page - National Semiconductor (TI) MM58167 Datasheet HTML 5Page - National Semiconductor (TI) MM58167 Datasheet HTML 6Page - National Semiconductor (TI) MM58167 Datasheet HTML 7Page - National Semiconductor (TI) MM58167 Datasheet HTML 8Page - National Semiconductor (TI) MM58167 Datasheet HTML 9Page - National Semiconductor (TI) MM58167 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Write Cycle Timing 0 C s TA s 70 C 45V s VDD s 55V VSS e 0V
Symbol
Parameter
Min
Max
Units
tAW
Address Valid to Write Strobe
100
ns
tCSW
Chip Select to Write Strobe
0
ns
tDW
Data Valid before Write Strobe
100
ns
tWRY
Write Strobe to Ready Strobe
150
ns
tRY
Ready Strobe Width
800
ns
tRYH
Write Hold Time after Ready Strobe
0
ns
tWD
Data Hold Time after Write Strobe
110
ns
tWA
Address Hold Time after Write Strobe
50
ns
Note 4
If data changes while CS and WR are low then they must remain coincident for 1050 ns after the data change to ensure a valid write Data bus loading is
100 pF Ready output loading is 50 pF and 3 kX pull-up
Input and output AC timing levels
Logical one e 20V
Logical zero e 08V
Read and Write Cycle Timing Diagrams
TLF11070 – 6
FIGURE 3 Read Cycle Timing
TLF11070 – 7
FIGURE 4 Write Cycle Timing
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com