Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58167 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58167
Description  Microprocessor Real Time Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58167 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button MM58167 Datasheet HTML 2Page - National Semiconductor (TI) MM58167 Datasheet HTML 3Page - National Semiconductor (TI) MM58167 Datasheet HTML 4Page - National Semiconductor (TI) MM58167 Datasheet HTML 5Page - National Semiconductor (TI) MM58167 Datasheet HTML 6Page - National Semiconductor (TI) MM58167 Datasheet HTML 7Page - National Semiconductor (TI) MM58167 Datasheet HTML 8Page - National Semiconductor (TI) MM58167 Datasheet HTML 9Page - National Semiconductor (TI) MM58167 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Typical Applications
R1 e 20 MX g20%
C1 e 6pF b 36 pF
R2 to be selected
based on crystal used
TLF11070 – 8
Note 5
A ground line or ground plane guard trace should be included between pins 9 and 10 to insure the oscillator is not disturbed by the address line
FIGURE 5 Typical Connection Diagram
TLF11070 – 9
Note 6
Must use 8238 or equivalent logic to insure advanced IOW pulse so that the ready output of the MM58167B is valid by the end of w2 during the T2
microcycle
Note 7
tw2 t tRS8080 a tDL8238 a tWRY58167B
FIGURE 6 8080 System Interface with Battery Backup
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com