Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA054V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-ISA054V1
Description  RoHS compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA054V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA054V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA054V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA054V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA054V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA054V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STEVAL-ISA054V1
Circuit schematic
Doc ID 15545 Rev 2
3/5
Figure 2.
DC-DC converter
AM01986v1
R16
5.6K 1%
R14
10K 1%
SW1
U2
L5970D
OUT
1
SYNC
2
INH
3
COMP
4
FB
5
VREF
6
GND
7
VCC
8
Cin
10uF 25V Ceramic
C7
22nF
R12
4.7K
C8
220p
D7
STPS2L25U
L4 33uH >1A
+
Cout
470uF 10V
24V
+3.3V / +5V
R15
3.3K 1%
J5
CON4
1
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com