Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA054V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA054V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA054V1
Download  STEVAL-ISA054V1 Download
File Size   204.19 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-ISA054V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA054V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA054V1
Download  STEVAL-ISA054V1 Click to download

File Size   204.19 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-ISA054V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA054V1 Product details

Description
This demonstration board introduces a solution for industrial power supplies. It takes advantage of the high voltage Power MOSFET, i.e. 1500 V breakdown voltage, to optimize the operation of the flyback converter based on the primary controller UC3844B. The demonstration board has been designed and developed in order to address medium power applications. The board features two outputs, 24 V, 5V or 3.3 V, and is able to deliver more than 100 W in total. The 5 V/3.3 V output is obtained by means of an integrated DC-DC converter based on L5970D, connected to the 24 V output, and adjustable by means of an external voltage divider. STEVAL-ISA054V1

Features
■ Input voltage – connector 1: 400 Vac RMS ± 20%
■ Input voltage – connector 2: 180 - 265 Vac RMS
■ Input frequency: 50 Hz
■ Output 1: 24 V @ 4 A
■ Output 2: 5V @ 1 A or 3.3 V @ 1 A
■ Output power: 100 W
■ Safety: EN60950
■ EMI: EN55014
■ RoHS compliant




Similar Part No. - STEVAL-ISA054V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA050V1 STMICROELECTRONICS-STEVAL-ISA050V1 Datasheet
158Kb / 4P
Monolithic VR for chipset and DDR2/3 demonstration board based on the PM6641
12-Nov-2008
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
STEVAL-ISA051V2 STMICROELECTRONICS-STEVAL-ISA051V2 Datasheet
131Kb / 4P
Latched OVP, UVP and thermal shutdown
03-Mar-2008
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
Negative current limit
12-Nov-2010
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
More results


Similar Description - STEVAL-ISA054V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com