Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1042016 Datasheet(PDF) 3 Page - SICK AG

Part # 1042016
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042016 Datasheet(HTML) 3 Page - SICK AG

  1042016 Datasheet HTML 1Page - SICK AG 1042016 Datasheet HTML 2Page - SICK AG 1042016 Datasheet HTML 3Page - SICK AG 1042016 Datasheet HTML 4Page - SICK AG 1042016 Datasheet HTML 5Page - SICK AG 1042016 Datasheet HTML 6Page - SICK AG 1042016 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CLV640-1000 | CLV64x
BAR CODE SCANNERS
Function PROFINET Dual Port (optional via external connection module CDF600-2)
EtherCAT®
✔
Type of fieldbus integration Optional over external fieldbus module CDF600
Serial
✔, RS-232, RS-422, RS-485
Function Host, AUX
Data transmission rate 2,400 Baud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
✔
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
CANopen
✔
Data transmission rate 20 kbit/s ... 1 Mbit/s
PROFIBUS DP
✔
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
✔
Type of fieldbus integration Optional via external connection module CDM + CMF
Switching inputs
4 (“Sensor 1”, “Sensor 2”, 2 inputs via optional parameter storage CMC600 in CDB620/
CDM420)
Switching outputs
4 (“Result 1”, “Result 2”, 2 outputs via optional parameter storage CMC600 in CDB620/
CDM420)
Reading pulse
Switching input “Sensor 1”, non-powered, serial interface, auto pulse, CAN
Optical indicators
6 LEDs (Ready, Result, laser, Data, CAN, LNK TX, Bar graph for displaying the reading rate per-
centage (10 LEDs))
Acoustic indicators
Beeper/buzzer (can be switched off, can be allocated as a result indication function)
Operating elements
2 buttons (choose and start/stop functions)
Configuration software
SOPAS ET
Memory card
MicroSD memory card (flash card) 512 MB, optional
Mechanics/electronics
Electrical connection
1 x 15-pin D-Sub HD male connector (0.9 m)
Operating voltage
18 V DC ... 30 V DC
Power consumption
5.5 W
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Front screen
Glass
Enclosure rating
IP65 (EN 60529)
Protection class
III (EN 61140)
Weight
320 g, with connecting cable
Dimensions (L x W x H)
61 mm x 96 mm x 38 mm
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-3 (2001-10) / EN 61000-6-2:2005
Vibration resistance
EN 60068-2-6 (1995)
Shock resistance
EN 60068-2-27 (1993)
Ambient operating temperature
0 °C ... +40 °C
Storage temperature
–20 °C ... +70 °C
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com