Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1042016 Datasheet(PDF) 5 Page - SICK AG

Part # 1042016
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042016 Datasheet(HTML) 5 Page - SICK AG

  1042016 Datasheet HTML 1Page - SICK AG 1042016 Datasheet HTML 2Page - SICK AG 1042016 Datasheet HTML 3Page - SICK AG 1042016 Datasheet HTML 4Page - SICK AG 1042016 Datasheet HTML 5Page - SICK AG 1042016 Datasheet HTML 6Page - SICK AG 1042016 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CLV640-1000 | CLV64x
BAR CODE SCANNERS
Dimensional drawing (Dimensions in mm (inch))
CLV63x/64x/65x Standard, front
1
1
Ready
Read Diagn
Result
TeachIn
Laser
Auto-Setup
Data
Adjusting
CAN
Userdefined
LNK TX
100%
0%
2
3
4
5
6
7
8
9
16 (0.63)
38 (1.50)
61 (2.40)
22.5
(0.89)
22.5
(0.89)
(25.7)
(1.01)
19.5
(0.77)
35.3
(1.39)
22
(0.87)
6.2
(0.24)
①  Blind hole thread M5, 5 mm deep (2 x), for mounting
②  Function button (2 x)
③  Reading field
④  Cover for the microSD memory card
⑤  Central position of the deflected laser beam in the V-shaped aperture angle
⑥  Internal impact point: rotation point of the variable direction laser beam
⑦  Cable with 15-pin D-sub HD male connector
⑧  LED status indicator (6x) and bar graph
⑨  Reference point for reading distance (from housing edge to object)
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com