Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA109V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA109V2
Description  800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA109V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA109V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA109V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA109V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA109V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2013
DocID024566 Rev 1
1/4
4
STEVAL-ISA109V2
800 mA, 3 MHz, adjustable output high efficiency dual-mode
buck-boost DC-DC converter based on the STBB2
Data brief
Features
• Input voltage: from 2.3 V to 5.5 V
• Output voltage: 3.3 V
• Output current: 800 mA
• Operating frequency: 3 MHz
• RoHS compliant
Description
The STEVAL-ISA109V2 is designed to aid in the
evaluation of the STBB2, a high efficiency buck-
boost DC-DC converter capable of providing
regulated output voltages in the range of 1.2 V to
5.5 V with an input voltage between 2.3 V and 5.5
V.
The board comes with the adjustable version of
the STBB2 pre-mounted, with the output voltage
set to 3.3 V. For this version, the VSEL pin must be
connected to VIN.
The board can also demonstrate the performance
of the fixed version of the STBB2, by replacing R1
with a 0
Ω resistor and disconnecting R2.
www.st.com


Similar Part No. - STEVAL-ISA109V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA109V1 STMICROELECTRONICS-STEVAL-ISA109V1 Datasheet
78Kb / 4P
800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief
More results

Similar Description - STEVAL-ISA109V2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
STMicroelectronics
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
12-Feb-2014
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STEVAL-ISA109V1 STMICROELECTRONICS-STEVAL-ISA109V1 Datasheet
78Kb / 4P
800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com