Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA147V3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA147V3
Description  500 W fully digital AC-DC power supply (D-SMPS) based on STM32F334C8 microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA147V3 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA147V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Description continued
STEVAL-ISA147V3
2/10
DocID029092 Rev 1
1
Description continued
The DC-DC stage performs voltage step-down using an HF transformer with a primary to
secondary turn ratio chosen to maintain good efficiency and regulation over the entire
operating range. The transformer is supplied with a square wave voltage generated by the
primary side active switches. On the secondary side, this voltage waveform is rectified and
then smoothed by the output filter; on the primary side, switching losses are reduced
thanks to zero voltage switching (ZVS). On the secondary side, synchronous rectification
(SR) is used to ensure low conduction losses. The overall effect of these design choices is
high system efficiency, in line with the stringent requirements of the power supply industry.
The system is controlled by two microcontrollers from the STM32 product family. On the
primary side, an STM32F051K8 controls the bridgeless PFC by sampling the current of the
two MOSFETs, the input AC voltage and the output bus voltage. Two control signals,
PWM1 and PWM2, are then generated to drive two power switches. On the secondary
side, an STM32F334C8 microcontroller samples the output voltage and adjusts the
frequency of the LLC bridge control signals to ensure stable operation throughout the
overall load range. In addition, two ADC channels are used to sample the rising and falling
edges of the drain-to-source voltage of the SR MOSFETs. The two microcontrollers
exchange information about the status of the input and output power stage via bidirectional
serial communication.
Both the power stage and control stage are supplied by an offline flyback circuit which
provides a suitable, regulated voltage to the microcontrollers, the gate drive ICs and signal
conditioning circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com