Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA147V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA147V3
Description  500 W fully digital AC-DC power supply (D-SMPS) based on STM32F334C8 microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA147V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA147V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA147V3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2016
DocID029092 Rev 1
1/10
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA147V3
500 W fully digital AC-DC power supply (D-SMPS) based on
STM32F334C8 microcontroller
Data brief
Features
Input AC voltage: 90 V to 264 V
Input AC frequency: 45 Hz to 65 Hz
Nominal power: 500 W
Output voltage: 12 V
Semi-Bridgeless PFC stage
DC-DC stage: resonant LLC with
synchronous rectification
Peak efficiency: 94%
PFC switching frequency: 60 kHz
DC-DC switching frequency: 80 kHz to 115
kHz (burst mode above)
HF transformer isolation voltage: 4 kV
Cooling: natural convection up to 300 W,
forced cooling above 300 W
PFC control: managed by STM32F051K8
LLC control: managed by STM32F334C8
Input short-circuit protection
Input under/overvoltage protection
Input under/overfrequency protection
DC Bus under/overvoltage protection
Output short-circuit protection
Output under/overvoltage protection
Overtemperature protection
RoHS compliant
Description
The STEVAL-ISA147V3 is a digital switch mode
AC-DC converter consisting of two power stages:
an input semi-bridgeless power factor corrector
(SBPFC) controlled by an STM32F051K8, and a
regulation stage implemented with an LLC half
bridge with synchronous rectification (SR),
controlled by an STM32F334C8 microcontroller.
This 500 W AC-DC converter uses the so-called
bridgeless PFC topology, with the advantage of
lower conduction losses and higher efficiency by
eliminating the need for a diode rectifier stage.
This choice also allows a reduced component
count compared to a standard PFC.
The input stage is typically controlled using an
outer voltage loop for bus voltage regulation and
an inner control loop to shape the current
according to a sinusoidal waveform. The outer
loop adjusts the current reference in order to
maintain a regulated bus voltage, independent of
load or input voltage variations. The output
isolation and regulation stage is implemented
using a half-bridge LLC topology, operating with
constant duty cycle and variable frequency
control.


Similar Part No. - STEVAL-ISA147V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
More results

Similar Description - STEVAL-ISA147V3

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
KX500 CANDD-KX500 Datasheet
204Kb / 4P
500 WATT AC/DC POWER SUPPLY
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX500 CANDD-SX500 Datasheet
475Kb / 4P
500 WATT AC/DC POWER SUPPLY
logo
Freescale Semiconductor...
SG2074 FREESCALE-SG2074 Datasheet
137Kb / 4P
Digital Switched-Mode Power Supply (SMPS)
logo
Emerson Network Power
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
NLP110MEDICAL EMERSON-NETWORKPOWER-NLP110MEDICAL Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
logo
STMicroelectronics
STEVAL-DPSG474 STMICROELECTRONICS-STEVAL-DPSG474 Datasheet
2Mb / 9P
Digital power supply control kit based on STM32G474RE
logo
TRACO Electronic AG
TXLN500 TRACOPOWER-TXLN500 Datasheet
944Kb / 5P
AC/DC Power Supply TXLN 500 Series, 500 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com