Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB016040 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DB016040
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB016040 Datasheet(HTML) 2 Page - Vishay Siliconix

  DB016040 Datasheet HTML 1Page - Vishay Siliconix DB016040 Datasheet HTML 2Page - Vishay Siliconix DB016040 Datasheet HTML 3Page - Vishay Siliconix DB016040 Datasheet HTML 4Page - Vishay Siliconix DB016040 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DB 016030, DB 016040, DB 016060
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22115
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
MOUNTING GUIDELINES
• The connection to one electrode must be flexible in order to prevent the generation of physical force which could damage the
capacitor elements. Such forces are often generated by the dimensional differences resulting from the normal physical
tolerances of these components.
• The capacitor elements must not be used as a mechanical support for other devices or components.
• Use two wrenches when tightening the nuts on both sides of the conductor rod.
The outer electrode terminal flange of these feed-through capacitors components should be fixed after tightening the inner
electrode’s connection.
• Make sure that not too much force applied to the solder connections between hardware and noble metal electrode. A torque
less than 3.5 Nm (31 lbf in) is recommended.
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
TYPE DB 016030
DB016030BC201##BJ1
R85
200
3.0
4.0
5.0
10.0
DB016030BC401##BJ1
400
DB016030BC601##BJ1
600
TYPE DB 016040
DB016040BC501##BJ1
R85
500
3.0
5.0
5.0
10.0
DB016040BC701##BJ1
700
DB016040BC801##BJ1
800
TYPE DB 016060
DB016060BD801##BJ1
R85
800
4.0
7.5
5.0
10.0
DB016060BC102##BJ1
1000
3.0
DB016060BC122##BJ1
1200
DB016060BC152##BJ1
1500
DB016060BC252##BK1
R230
2500
DIMENSIONS in millimeters (inches)
M 4 Thread
=
=
0.5
(0.020)
DB 016030: 30 (1.18)
DB 016040: 40 (1.57)
DB 016060: 60 (2.36)
10 ± 1
(0.39 ± 0.04)
Ø 34.0 ± 0.3
(1.339 ± 0.012 Dia.)
Ø 4.2 + 0.2
(0.165 + 0.008 Dia.)
Ø 26.0 ± 0.3
(1.024 ± 0.012 Dia.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com