Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB016040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DB016040
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB016040 Datasheet(HTML) 3 Page - Vishay Siliconix

  DB016040 Datasheet HTML 1Page - Vishay Siliconix DB016040 Datasheet HTML 2Page - Vishay Siliconix DB016040 Datasheet HTML 3Page - Vishay Siliconix DB016040 Datasheet HTML 4Page - Vishay Siliconix DB016040 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DB 016030, DB 016040, DB 016060
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
3
Document Number: 22115
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING DIAGRAMS
DB016030BC201##BJ1
DB016030BC401##BJ1
DB016030BC601##BJ1
DB016040BC501##BJ1
DB016040BC701##BJ1
DB016040BC801##BJ1
DB016060BD801##BJ1
DB016060BC102##BJ1
0.1
1
10
0.1
1
10
0.1
1
10
Frequency (MHz)
4.97 MHz
0.71 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
0.1
1
10
0.1
1
10
Frequency (MHz)
2.48 MHz
0.35 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
0.1
1
10
0.1
1
10
Frequency (MHz)
1.66 MHz
0.24 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
0.1
1
10
0.1
1
10
Frequency (MHz)
1.59 MHz
0.35 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
0.1
1
10
0.1
1
10
Frequency (MHz)
1.14 MHz
0.22 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
0.1
1
10
0.1
1
10
Frequency (MHz)
0.99 MHz
0.22 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
1
10
1
10
0.1
1
Frequency (MHz)
0.66 MHz
0.19 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
1
10
1
10
0.1
1
Frequency (MHz)
0.53 MHz
0.27 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com