Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9813 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9813
Description  SUPER SMART MIRROR WITH EMBEDDED MCU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9813 Datasheet(HTML) 1 Page - STMicroelectronics

  L9813 Datasheet HTML 1Page - STMicroelectronics L9813 Datasheet HTML 2Page - STMicroelectronics L9813 Datasheet HTML 3Page - STMicroelectronics L9813 Datasheet HTML 4Page - STMicroelectronics L9813 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
L9813
April 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
FEATURES
■
8-18V Supply Operating Range
■
16 MHz Maximum Oscillator Frequency
■
8 MHz Maximum Internal Clock Frequency
■
Fully Static operation.
■
Low consumption (
≤ 100mA) mode.
■
-40°C to + 150°C Temperature Range
■
ROM: 8Kbytes
■
Data RAM: 256 bytes
■
64 pin HiQuad package
■
5 multifunctional bidirectional I/O lines
■
16-bit Timer, featuring:
– 2 Input Captures
– 2 Output Compares
– External Clock input
– PWM and Pulse Generator modes
■
UART peripheral including Bus line interface
according ISO9141 specifications
■
Serial Peripheral Interface (SPI).
■
8-bit Analog-to-Digital Converter with 2
dedicated inputs.
■
Programmable Watchdog for system integrity
■
Master Reset and Power-On Reset
■
Two 200m
Ω Half-Bridges, Two 400mΩ Half-
Bridges for sequential driving of 3 DC motors.
■
50m
Ω High-Side driver (Defroster function)
■
300m
Ω High-Side driver (Sidemarker function)
■
400m
Ω High-Side driver (Puddle Lamp
function)
■
300m
Ω High-Side driver + Parallel Voltage
Regulator (Electro Chrome function
■
8-bit Data Manipulation
■
63 basic Instructions and 17 main Addressing
Modes
■
8 x 8 Unsigned Multiply Instruction
■
True Bit Manipulation
■
Complete Development Support on DOS/
WINDOWS™ Real-Time Emulator
■
Full Software Package on DOS/WINDOWS™
(C-Compiler, Cross-Assembler, Debugger)
2
DESCRIPTION
The L9813 Microcontroller Unit (MCU) is a mem-
ber of the ST7 family of Microcontrollers.
The device is based on an industry-standard 8-bit
core and features an enhanced instruction set.
The device is normally operated at an 16MHz os-
cillator frequency. Under software control, the
L9813 may be placed in either Wait, Slow or Halt
modes, thus reducing power consumption.
The enhanced instruction set and addressing
modes afford real programming potential. In addi-
tion to standard 8-bit data management, the L9813
features true bit manipulation, 8x8 unsigned multi-
plication and indirect addressing modes.
The device includes an internal oscillator, CPU,
ROM/OTP/EPROM, RAM, 5 I/O lines and the fol-
lowing on-chip peripherals: Analog-to-Digital con-
verter (ADC) with 5 multiplexed analog inputs,
industry standard synchronous SPI and asynchro-
nous SCI serial interfaces, digital Watchdog, 16-
bit Timer, 2 Input Captures and 2 Output Com-
pares.
HiQUAD64
DATA BRIEF
SUPER SMART MIRROR WITH EMBEDDED MCU
Table 1. Order Codes
Part Number
Package
L9813
HiQUAD64
REV. 2


Similar Part No. - L9813

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9800 STMICROELECTRONICS-L9800 Datasheet
3Mb / 55P
Automotive 8-channel LS driver
01-Aug-2024
L9800-TR STMICROELECTRONICS-L9800-TR Datasheet
3Mb / 55P
Automotive 8-channel LS driver
01-Aug-2024
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
HIGH SIDE DRIVER
L9801A STMICROELECTRONICS-L9801A Datasheet
346Kb / 7P
HIGH SIDE DRIVER
L9803 STMICROELECTRONICS-L9803 Datasheet
1Mb / 126P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
09-Jun-2006
More results

Similar Description - L9813

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS39C7092 HYNIX-HMS39C7092 Datasheet
1Mb / 199P
Embedded Flash MCU
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
8-bit MCU with Embedded EEPROM
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
logo
Feeling Technology Corp...
FD115CH FEELING-FD115CH Datasheet
498Kb / 12P
Smart motor driver with embedded Hall sensor
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0252F FEELING-FD0252F Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD1257H FEELING-FD1257H Datasheet
317Kb / 10P
Smart motor driver with embedded Hall sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com