Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARJZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4622-1ARJZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4622-1ARJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 23Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 24Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 25Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 26 of 34
SHUTDOWN OPERATION
Use the active low DISABLE input to put the ADA4622-1 into
shutdown mode. When the voltage on the DISABLE input is
less than 1.4 V above the negative supply voltage (V−), the
ADA4622-1 shuts down and consumes only 50 μA to 60 μA
typical. When the voltage on the DISABLE input is more than
1.4 V above the negative supply voltage (V−), or if the DISABLE
input is left floating, the ADA4622-1 powers up. For best
performance, it is recommended that the input voltage level on
the DISABLE input be V− or that the input be left floating. The
ADA4622-1 is still a drop-in replacement for devices with
standard single channel op-amp pinouts because the ADA4622-1
enables when the DISABLE input is left floating. Figure 86
shows a simplified circuit for the DISABLE input.
DISABLE
MIRROR
IOUT
Figure 86. Simplified Circuit for the DISABLE Input
Figure 87 and Figure 88 show the start-up and shutdown
response when toggling the DISABLE input.
CH1 50mV
CH2 5V
M1.00µs
A CH2
–11.5V
11
T
49.8%
∆: 1.12µs
∆: 5mV
@: 1.10µs
@: –1mV
Figure 87. Start-Up Response When Toggling the DISABLE Input
CH1 100mV
CH2 5V
M1.00µs
A CH2
–11.5V
11
T
49.8%
∆: 1.98µs
∆: 2mV
@: –60ns
@: 2mV
Figure 88. Shutdown Response When Toggling the DISABLE Input
Figure 89 shows the DISABLE input current vs. the DISABLE
input voltage relative to the negative supply voltage (V−).
0
123
DISABLE INPUT VOLTAGE RELATIVE TO V– (V)
45
6
Figure 89. DISABLE Input Current vs. DISABLE Input Voltage Relative to V−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com