Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARJZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4622-1ARJZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4622-1ARJZ-R7 Datasheet HTML 21Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 23Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 24Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 25Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 25 of 34
The ADA4622-1/ADA4622-2 are designed for 12 nV/√Hz
wideband input voltage noise density and maintain low noise
performance at low frequencies (see Figure 83). This noise
performance, along with the low input current as well as low
current noise, means that the ADA4622-1/ADA4622-2
contribute negligible noise for applications with a source resistance
greater than 10 kΩ and at signal bandwidths greater than 1 kHz.
1k
10k
100k
FREQUENCY (Hz)
ADA4622-1/ADA4622-2 VOLTAGE AND CURRENT NOISE
RS NOISE
TOTAL NOISE
Figure 83. Total Noise vs. Source Resistance
Input Overvoltage Protection
The ADA4622-1/ADA4622-2 have internal protective circuitry
that allows voltages as high as 0.3 V beyond the supplies applied
at the input of either terminal without causing damage. Use a
current-limiting resistor in series with the input of the ADA4622-1/
ADA4622-2 if the input voltage exceeds 0.3 V beyond the supply
rails of the amplifiers. If the overvoltage condition persists for
more than a few seconds, damage to the amplifiers can result.
For higher input voltages, determine the resistor value by
mA
10
S
SY
IN
R
V
V
where:
VIN is the input voltage.
VSY is the voltage of either the V+ pin or the V− pin.
RS is the series resistor.
With a very low input bias current of ±1.5 nA maximum up to
125°C, higher resistor values can be used in series with the inputs
without introducing large offset errors. A 1 kΩ series resistor
allows the ADA4622-1/ADA4622-2 to withstand 10 V of
continuous overvoltage and increases the noise by a negligible
amount. A 5 kΩ resistor protects the inputs from voltages as
high as 25 V beyond the supplies and adds less than 10 μV to
the offset voltage of the amplifiers.
EMI Rejection Ratio
Figure 84 shows the EMI rejection ratio (EMIRR) vs. the
frequency for the ADA4622-1/ADA4622-2.
0
20
40
60
80
100
FREQUENCY (Hz)
COMPETITOR 1
COMPETITOR 2
ADA4622-1/ADA4622-2
Figure 84. EMIRR vs. Frequency
OUTPUT CHARACTERISTICS
The ADA4622-1/ADA4622-2 unique bipolar rail-to-rail output
stage swings within 10 mV of the supplies with no external
resistive load.
The ADA4622-1/ADA4622-2 approximate output saturation
resistance is 24 Ω, sourcing or sinking. Use the output impedance
to estimate the output saturation voltage when driving heavier
loads. As an example, when driving 5 mA, the saturation
voltage from either rail is roughly 120 mV.
If the ADA4622-1/ADA4622-2 output drives hard against the
output saturation voltage, it recovers within 1.2 μs of the input,
returning to the linear operating region of the amplifier (see
Figure 55 and Figure 58).
Capacitive Load Drive Capability
Direct capacitive loads interact with the effective output impedance
of the ADA4622-1/ADA4622-2 to form an additional pole in
the feedback loop of the amplifiers, which causes excessive
peaking on the pulse response or loss of stability. The worst case
condition is when the devices use a single 5 V supply in a unity-
gain configuration. Figure 85 shows the pulse response of the
ADA4622-1/ADA4622-2 driving 500 pF directly.
CH1 50.0mV BW
M2.00µs
A CH1
108mV
1
Figure 85. Pulse Response with 500 pF Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com